Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS149317 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS149317 Datasheet HTML 1Page - Integrated Circuit Systems ICS149317 Datasheet HTML 2Page - Integrated Circuit Systems ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
2
Revision 101005
Integr ated Circuit System s
● 525 Ra ce Stree t, Sa n Jose, CA 951 26 ● te l (4 08) 297 -1201 ● www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
Pin Assignment
Output Enable Table
Note: OE pin has an internal pull-down resistor.
Pin Descriptions
1
GND
20-pin QFN
48M
VDDO
OE
VDD
GND
VDD
37M
VDDO
22/24M
6
11
16
OE
Clock Output State
0
Normal Operation
1
Hi-Z
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
GND
Power
Connect to ground.
2
48M
Output
48 MHz clock output. High impedance state when OE=1.
3
VDDO
Power
Output voltage level. Connect to +1.8 or 2.5 V. Same voltage as pin
12.
4OE
Input
Output Enable pin. See table above. Internal pull-down resistor.
5
VDD
Power
Connect to +1.8 V.
6
22M
Output
22.5792 MHz clock output. Internal pull-down. High impedance state
when OE=1.
7
GND
Power
Connect to ground.
8
SCK
Input
I2C bus clock pin. Internal pull-up resistor.
9
SDATA
Input
I2C bus data pin. Internal pull-up resistor.
10
GND
Power
Connect to ground.
11
22/24M
Output
Selectable output clock of either 22.5792M or 24.576M. See table.
Internal pull-down. High impedance state. OE=1.
12
VDDO
Power
Output voltage level. Connect to +1.8 or 2.5 V. Same voltage as pin 3.
13
37M
Output
Spread spectrum 37 MHz clock output. See table. Internal pull-down.
High impedance state when OE=1.
14
VDD
Power
Connect to +1.8 V.
15
GND
Power
Connect to ground.
16
GND
Power
Connect to ground.
17
27M
Output
27 MHz reference clock output. Internal pull-down. High impedance
state when OE=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com