Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS149317 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems ICS149317 Datasheet HTML 10Page - Integrated Circuit Systems ICS149317 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
7
Revision 101005
Integr ated Circuit System s
● 525 Ra ce Stree t, Sa n Jose, CA 951 26 ● te l (4 08) 297 -1201 ● www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
Serial Data Interface
Data Protocol
The clock driver serial protocol accepts byte write, byte read, block write, and block read operations from the
controller. For block write/read operation, the bytes must be accessed in sequential order from lowest to highest
byte (most significant bit first) with the ability to stop after any complete byte has been transferred. For byte write
and byte read operations, the system controller can access individually indexed bytes. The offset of the indexed
byte is encoded in the command code, as described in the following table.
The block write and block read protocol is outlined in the table below, followed by the corresponding byte write and
byte read protocol. The slave receiver address is 11010010 (D2h).
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:0)
Byte offset for byte read or byte write operation. For block read or block write operations,
these bits should be '0000000'.
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address - 7 bits
2:8
Slave address - 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command code — 8 bit
‘00000000’ stands for block operation
11:18
Command code - 8 bit
‘00000000’ stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte count — 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address — 7 bits
29:36
Data byte 0 — 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 — 8 bits
30:37
Byte count from slave — 8 bits
46
Acknowledge from slave
38
Acknowledge from master
....
.............................
39:46
Data byte from slave — 8 bits
....
Data byte (N-1) — 8 bits
47
Acknowledge from master
....
Acknowledge from slave
48:55
Data byte from slave — 8 bits
....
Data byte N — 8 bits
56
Acknowledge from master
....
Acknowledge from slave
....
Data byte N from slave — 8 bits
....
Stop
....
Not Acknowledge from master
....
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com