Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS149317 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS149317 Datasheet HTML 1Page - Integrated Circuit Systems ICS149317 Datasheet HTML 2Page - Integrated Circuit Systems ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
4
Revision 101005
Integr ated Circuit System s
● 525 Ra ce Stree t, Sa n Jose, CA 951 26 ● te l (4 08) 297 -1201 ● www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS1493-17. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 1.8 V -0.1 V/+0.2 V, VDDO=2.5 V ±5%, Ambient Temp -10
°C to +80°C
Item
Rating
Supply Voltage, VDD
-0.5 V to 5 V
All Inputs
-0.5 V to VDD+0.5 V
All Outputs
-0.5 V to 2.5V+0.5 V
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
ESD (HBM)
2000V min.
MSL (Moisture Sensitivity Level)
3
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-10
+80
°C
Power Supply Voltage (measured in respect to GND)
+1.70
+2.00
V
Output Power Supply Voltage (with respect to GND)
+1.71
+2.625
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.7
2.0
V
Supply Current
IDD
No load,VDDO=2.5 V
13
16
mA
No load,VDDO=1.8 V
11
15
mA
Input High Voltage
VIH
0.7VDD
V
Input Low Voltage
VIL
0.3VDD
V
Output High Voltage
VOH
IOH = -2 mA
0.8VDDO
V
Output Low Voltage
VOL
IOL = +2 mA
0.2VDDO
V
Input Capacitance, inputs
CIN
5pF
Load Capacitance, X1 and X2
CL
No internal load
capacitance
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com