Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS149317 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS149317 Datasheet HTML 1Page - Integrated Circuit Systems ICS149317 Datasheet HTML 2Page - Integrated Circuit Systems ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ICS1493-17
MDS 1493-17 A
1
Revision 101005
Integrated Circuit Sy stems
● 5 25 Race Street, San Jo se, CA 9 512 6 ● tel (40 8) 2 97-12 01● www.ics t.co m
Clock Synthesizer for Portable Systems
PRELIM INAR Y INFORMA T ION
Description
The ICS1493-17 is a low-power, low-jitter clock
synthesizer designed to replace multiple crystals and
oscillators in portable audio/video systems. The device
generates a 37 MHz processor clock, a 48 MHz USB
clock, a fixed 22.5792 MHz audio clock, a selectable
24.576 MHz or 22.5792 MHz audio clock, and a 27MHz
reference clock for video. Using ICS’ proprietary mix of
analog and digital Phase-Locked Loop (PLL)
technology, the device spreads the frequency spectrum
of the 37 MHz output, reducing the peak amplitude of
by up to 16 dB. An output enable (OE) pin lowers the
chip power consumption while tri-stating all outputs.
Features
• Extremely low operating current (11 mA)
• Packaged in 20-pin QFN (Pb-free)
• Input crystal or clock frequency of 27 MHz
• Output reference frequency of 27 MHz
• Fixed output frequencies of 37 MHz, 48 MHz and
22.5792 MHz
• Selectable output frequency of either 22.5792 MHz
or 24.576 MHz
• Configurable spread spectrum on 37 MHz output
• Operating core voltage of 1.8 V
• Output voltage of 1.8 V or 2.5 V
• Advanced, low-power CMOS process
Block Diagram
X1
X2
PLL1
(Spread)
PLL2
Crystal
Oscillator/
Clock
Buffer
27 MHz
clock or
crystal input
Optional tuning
capacitors
VDD
GND
27M
37M
3
5
PLL3
22/24M
PLL4
22M
SCK
48M
IIC
Control
Logic
SDATA
OE
VDDO
2


Similar Part No. - ICS149317

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
logo
Integrated Device Techn...
ICS1493A-19 IDT-ICS1493A-19 Datasheet
158Kb / 8P
CLOCK GENERATOR FOR AUTOMOTIVE APPLICATION
ICS1493AGI-19LF IDT-ICS1493AGI-19LF Datasheet
158Kb / 8P
CLOCK GENERATOR FOR AUTOMOTIVE APPLICATION
ICS1493AGI-19LFT IDT-ICS1493AGI-19LFT Datasheet
158Kb / 8P
CLOCK GENERATOR FOR AUTOMOTIVE APPLICATION
logo
Renesas Technology Corp
ICS1493K-17LF RENESAS-ICS1493K-17LF Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results

Similar Description - ICS149317

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
Low-Power Keyboard Encoder for Portable Systems
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
Zero-PowerTM Keyboard Encoder for Portable Systems
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
Portable System Clock Synthesizer
Revision 022798
logo
Texas Instruments
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
3.3 V Clock Synthesizer for DLP TM Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
Clock Generator for P9 Systems
Mar 29, 2022
9TCS1085 RENESAS-9TCS1085 Datasheet
682Kb / 39P
MOBILE ACCESS™—CLOCK SYNTHESIZER, TEMPERATURE SENSOR, & PWM FAN CONTROLLER FOR PORTABLE DEVICES
REV 0.7 012012
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com