Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS149317 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems ICS149317 Datasheet HTML 10Page - Integrated Circuit Systems ICS149317 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
9
Revision 101005
Integr ated Circuit System s
● 525 Ra ce Stree t, Sa n Jose, CA 951 26 ● te l (4 08) 297 -1201 ● www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
Byte 1: Control Register
Byte 2: Control Register
Bit
@Pup
Name
Description
7
1
REF
REF Output Enable
0 = Disable, Output pulled low, 1 = Enable
6
1
37SS
37SS Output Enable
0 = Disable, Output pulled low, corresponding PLL shut off.
1 = Enable
5
1
48M
48M Output Enable
0 = Disable, Output pulled low, 1 = Enable
4
1
22/24M
22/24M Clock Output Enable
0 = Disable, Output pulled low, 1 = Enable
3
0
22M
22M Output Enable
0 = Disable, Output pulled low and corresponding PLL off,
1 = Enable
2
1
Reserved
Reserved
1
1
Reserved
Reserved
0
1
22/24M SEL
22/24M Clock Select
1 = 24.576 MHz, 0 = 22.5792 MHz
Bit
@Pup
Name
Description
7
0
Reserved
Reserved
6
0
Reserved
Reserved
5
0
Reserved
Reserved
4
0
Reserved
Reserved
3
0
Reserved
Reserved
2
0
SS Table
Bit 2:0=000: No Spread
Bit 2:0=001: -0.5% Spread
Bit 2:0=010:-1.0% Spread
Bit 2:0=011: No Spread
Bit 2:0=100: -2.0% Spread
Bit 2:0=101: No Spread
Bit 2:0=110: -3.0% Spread
Bit 2:0=111: No Spread
11
SS Table
00
SS Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com