Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS149317 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS149317 Datasheet HTML 1Page - Integrated Circuit Systems ICS149317 Datasheet HTML 2Page - Integrated Circuit Systems ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
3
Revision 101005
Integr ated Circuit System s
● 525 Ra ce Stree t, Sa n Jose, CA 951 26 ● te l (4 08) 297 -1201 ● www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
.
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS1493-17 must be isolated from system power
supply noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between each VDD and the PCB ground plane.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
I2C External Resistor Connection
The SCK and SDATA pins can be connected to any
voltage between 1.71 V and 2.625 V.
Crystal Load Capacitors
No external crystal load capacitors are required. To
save discrete component cost, the ICS1493-17
integrates on-chip capacitance to support a crystal with
CL=10 pF. It is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) The 0.01µF decoupling capacitors should be
mounted on the component side of the board as close
to the VDD pin as possible. No vias should be used
between the decoupling capacitors and VDD pins. The
PCB trace to VDD pins should be kept as short as
possible, as should the PCB trace to the ground via.
2) The external crystal should be mounted just next to
the device with short traces. The X1 and X2 traces
should not be routed next to each other with minimum
spaces, instead they should be separated and away
from other traces.
3) To minimize EMI, the 33
Ω series termination resistor
should be placed close to the clock output.
4) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed
away from the ICS1493-17. This includes signal traces
just underneath the device, or on layers adjacent to the
ground plane layer used by the device.
18
VDD
Power
Connect to +1.8 V.
19
X2
Output
Connect to 27 MHz crystal or float for clock input.
20
X1
Input
Crystal connection. Connect to 27 MHz crystal or clock input.
Pin
Number
Pin
Name
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com