Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF02T Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # SC14CVMDECTSF02T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF02T Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF02T Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 40Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 41Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
38 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
7.6 ANALOG FRONT END
Note 26: BANDGAP_REG will be tuned at the factory.
Note 27: 0 dBm0 on COUT = -3.14 dB of max PCM value. COUT is CODEC output in test mode
Note 28: Trimming possibility is foreseen. At system production the bandgap reference voltage can be controlled within 2% accuracy and data can be
stored in Flash. Either AVD or VREF can be trimmed within 2% accuracy. If AVD is trimmed VREF will be within 2% accuracy related to
either AVD. Or vice versa VREF can be trimmed. For Vref trimming measure
VREFp, VREFm) and update BANDGAP_REG[3..0].
Note 29: Vrefm is a clean ground input and is the 0 V reference.
Table 23: Microphone amplifier
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vmic_0dB_unt
Untrimmed differen-
tial RMS input volt-
age between MICp
and MICn (0 dBm0
reference level)
(Note 17)
0 dBm0 on COUT
(Note 27)
MIC_GAIN[3:0] = 0,
@ 1020 Hz;
Tolerance:
• 13% when untrimmed
(BANDGAP_REG=8)
(Note 26)
• 6% when trimmed
(Note 28)
114
131
149
mV
Rin_mic
Resistance of acti-
vated microphone
amplifier inputs
(MICp, MICn and
MICh) to internal GND
(Note 17)
75
150
k
Vmic_offset
Input referred DC-off-
set (Note 17)
MIC_GAIN[3..0] = 1111
3 sigma deviation limits
-2.6
+2.6
mV
Table 24: Microphone amplifier (Operating Condition)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vmic_cm_level
MICp and MICn com-
mon mode voltage
MICp and MICn are set to
GND with internal resistors
(Rin_mic). If DC coupled
the input voltage must be
equal to this voltage.
(0.9 V/1.5)*
VREFp
V
Table 25: Microphone supply voltages
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vref_unt
VREFp-VREFm
untrimmed
(Note 29)
ILOAD = 0 mA
BANDGAP_REG = 8
(Note 28)
1.41
1.5
1.59
V
Rout_vrefp
VREFp output
resistance
Figure 29
1
Nvrefp_idle
Peak noise on
VREFp-VREFm
(Note 17)
CCITT weighted
-120
dBV
PSRRvrefp
Power supply rejec-
tion Vref output
(Note 17)
See Figure 29, AVD to
VREFp/m, f = 100 Hz to 4 kHz
BANDGAP_REG[5:4] = 3
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com