Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF02T Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # SC14CVMDECTSF02T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF02T Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF02T Datasheet HTML 5Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 6Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 7Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 8Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 9Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 10Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 11Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 12Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
9 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
3.0 Cordless Voice Module functions
This section describes the key functions and features
supported by the SC14CVMDECT SF as shown in Fig-
ure 2.
3.1 MODULE HARDWARE
The SC14CVMDECT SF internal hardware consists of:
• An internal microprocessor is running from FLASH
and handles the API call coming from UART or
embedded user software.
• A 4 kB VES (Virtual EEPROM Storage) used by the
protocol stack and for user variables.
• A DSP for the audio signal processing like ADPCM
voice compression towards the CODEC.
• A CODEC converts the analog signals to digital sig-
nals and vise versa.
• Input/Output ports which can be toggled high/low as
an output or a high/low digital level can be read as
an input.
• A 20.736 MHz XTAL. This crystal is automatically
tuned by the PP module software for optimal radio
performance.
• Voltage regulators convert the external supply volt-
age (VBAT) to stable supply voltages for the core
and the I/Os.
• A DECT radio transceiver with a built-in antenna cir-
cuit. The antenna itself is integrated into the module,
relieving the product designer from RF expertise.
• A full duplex UART for communication with an
optional host processor.
3.2 SOFTWARE CONTROL
The application software is written by the customer and
has to manage the call control and also the MMI func-
tions. The supported API software includes the Net-
work layer that is defined in figure 1 of the EN300 175-
3 document, which describes the DECT protocol stack.
Detailed functions and data flows, including some
example sequences, can be found in document refer-
ence [1] for FP and [2] for PP.
The default configuration of the SC14CVMDECT SF
module software is: US DECT, FP and CoLA enabled.
3.3 DECT PROTOCOL STACK
The SC14CVMDECT SF internal protocol stack is
based on the ETSI DECT specifications and is compli-
ant with ETSI 300 444 (GAP).
The product supports up to 6 DECT GAP compliant PP
units to one FP station.
Figure 2: SC14CVMDECT SF functional overview
FLASH
User SW
UART
XTAL
Phoenix Host API
CODEC / PCM
API commands
UART interface to host
SPI
Ports
Port Pins
PCM Port
Head Set
DECT RF
DSP
Protocol
Stack
Radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com