Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF02T Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # SC14CVMDECTSF02T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF02T Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF02T Datasheet HTML 24Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
28 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
5.0 CAT-iq
5.1 INTRODUCTION
CAT-iq stands for Cordless Advanced Technology,
Internet and Quality. It is the new global technology ini-
tiative from the DECT Forum, designed for IP-voice
services in the next generation networks. CAT-iq is
based on the regulatory framework of the mature and
reliable DECT technology. It is fully backward compati-
ble to DECT GAP and, as the new cordless phone
standard, focuses on high definition VoIP (HD voice) as
well as data applications as the next generation Cord-
less Phone standard.
5.2 CAT-IQ PROFILE OVERVIEW
The CAT-iq profiles are split between voice and data
services, with CAT-iq 1.0 and CAT-iq 2.0 providing fea-
tures to support key voice enhancements, and CAT-iq
3.0 and CAT-iq 4.0 providing features to support data.
5.2.1 Supported main features
• Narrowband (G.726) and wideband (G.722) audio
and switching between these two codecs is sup-
ported.
• CLIP, CNIP, CLIR: Calling Line Identification Presen-
tation, Calling Name Identification, Calling Line Iden-
tity Restriction for internal and external calls.
• Synchronization of call lists and telephone books,
missed calls list, incoming accepted calls list, inter-
nal names list (unique identifier of each handset),
base telephone book
• Synchronization of system settings: PPs are enabled
to change partly the configuration of the system con-
sisting of FP and PPs, these system settings are
handled using the list access method. Using this
method, the FP and the PPs support:
• Synchronization of time and date for FP and PPs,
that FP is enabled to transmit time and date to the
PPs.
• Reset to factory settings, means that PP is ena-
bled to reset the FP configuration to its factory
setting.
• Obtaining FP versions, means that a PP can
obtain the software release of the FP.
• Multiple lines handling: The behaviour of DECT sys-
tems connected to multiple network lines. These
lines may be of different types (VoIP and PSTN for
example). This feature details how calls are placed
in a multiple lines context. This feature also impacts
the behaviour of other services in order to ensure
attachment of PPs to a line, line settings and several
lists properly.
• Parallel calls: initiating a second call in parallel to the
first call, toggling between calls, putting a call on
hold, resuming calls from on hold, call transfer, 3-
party conference with established external and/or
internal calls
• DTMF and tones
• Headset support
• Easy PIN code registration
• Easy pairing
• handset location
• Supports SUOTA (Software Update Over The Air)
and LU10 (max 54 kbit/s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com