Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF02T Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # SC14CVMDECTSF02T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF02T Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF02T Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 31Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
29 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
6.0 Register descriptions
Register access requires the use of the API functions
API_HAL_READ_REQ and API_HAL_WRITE_REQ.
The register address is shown in the table title.
Table 7: PAD_CTRL_REG (0xFF481E)
BIT
MODE
SYMBOL
DESCRIPTION
RESET
15
-
Reserved
0
14
R/W
LED34_C_MODE
0 = 2.5 mA/5 mA mode select for LED3/LED4
1 = 5 mA/10 mA mode select for LED3/LED4
0
13
R/W
LED4_PWM
0 = Timer 0 PWM control on LED4 disabled
1 = TImer 0 PWM control on LED4 enabled
0
12
R/W
LED3_PWM
0 = Timer 0 PWM control on LED3 disabled
1 = TImer 0 PWM control on LED3 enabled
0
11
-
Reserved, keep 0
0
10
-
Reserved, keep 0
0
9
R/W
LED4_CUR
If LED34_C_MODE = 0
0 = 2.5 mA
1 = 5 mA
If LED34_C_MODE = 1
0 = 5 mA
1 = 10 mA
0
8
R/W
LED3_CUR
If LED34_C_MODE = 0
0 = 2.5 mA
1 = 5 mA
If LED34_C_MODE = 1
0 = 5 mA
1 = 10 mA
0
7
R/W
P20_OD
0 = P2[0] normal mode.
1 = P2[0] is forced to open drain if output and pull-up resistor is
always disabled if input
1
6
R/W
P21_OD
0 = P2[1] normal mode.
1 = P2[1] is forced to open drain if output and pull-up resistor is
always disabled if input
1
5
R/W
P234_OD
0 = P2[3-4] normal mode
1 = P2[3-4] is forced to open drain if output and pull-up resistor
is always disabled if input
0
4
R/W
P225_OD
0 = P2[2,5] normal mode
1 = P2[2.5] is forced to open drain if output and pull-up resistor
is always disabled if input
0
3
R/W
P27_OD
0 = P2[7] normal mode
1 = P2[7] is forced to open drain if output and pull-up resistor is
always disabled if input
0
2
R/W
P001_OD
0 = P0[0-1] normal mode
1 = P0[0-1] is forced to open drain if output and pull-up resistor
is always disabled if input
0
1
R/W
P023_OD
0 = P0[2-3] normal mode
1 = P0[2-3] is forced to open drain if output and pull-up resistor
is always disabled if input
0
0
R/W
P04567_OD
0 = P0[4-7] normal mode
1 = P0[4-7] is forced to open drain if output and pull-up resistor
is always disabled if input
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com