Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF02T Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # SC14CVMDECTSF02T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF02T Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF02T Datasheet HTML 45Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 46Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 47Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 48Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 49Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 50Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 51Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 52Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
49 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
9.0 Example application diagram
Figure 38: Example application diagram
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
AGND
UTX
URX
P0[2]
P0[3]
P0[4]
P0[5]
P0[6]
P0[7]
P1[0
P1[1]
P1[2]
P1[3]
P1[4]
P1[5]
PON
CHARGE
P2[0]
P2[1]
P2[2]
P2[3]
P2[4]
P2[5]
P2[6]
P2[7]
MICh
PAOUTn
PAOUTp
P3[2]
P3[3]
P3[4]
P3[5]
P3[6]
P3[7]
JTAG
Title :
Doc. Nr.
Rev:
Date:
Sheet:
of
Dialog Semiconductor
.
Het Zuiderkruis 53
5215 MV 's-Hertogenbosch
tel. (+31) 73 6408822
fax. (+31) 73 6408823
Designer:
0.1
SC14CVMDECT_SF01_RD
11
Wednesday, November 28, 2012
F v D
<OrgName>
Title :
Doc. Nr.
Rev:
Date:
Sheet:
of
Dialog Semiconductor
.
Het Zuiderkruis 53
5215 MV 's-Hertogenbosch
tel. (+31) 73 6408822
fax. (+31) 73 6408823
Designer:
0.1
SC14CVMDECT_SF01_RD
11
Wednesday, November 28, 2012
F v D
<OrgName>
Title :
Doc. Nr.
Rev:
Date:
Sheet:
of
Dialog Semiconductor
.
Het Zuiderkruis 53
5215 MV 's-Hertogenbosch
tel. (+31) 73 6408822
fax. (+31) 73 6408823
Designer:
0.1
SC14CVMDECT_SF01_RD
11
Wednesday, November 28, 2012
F v D
<OrgName>
R9
1K
C4
DNA
R2
0R
LSR1
1
1
2
2
R7
0R
SC14CVMDECT SF01
U1
SC14WSMDATA_SF01
P1[2]/INT2/SK
36
P0[4]/SPI_EN
43
RSTn
52
CP_VOUT1
26
P1[5]/INT5/RDI/VDDE
33
P2[6]WTF_IN
39
P0[1]/URX
47
P3[0]/PAOUTn/DP0
27
P2[7]/BXTAL
32
P1[4]/INT4/TDOD
34
P1[1]/INT1/LE
37
P0[0]/UTX
48
JTAG
53
P3[1]/PAOUTp/DP1
24
P1[6] / PON
29
P1[7] / CHARGE
23
P2[4]/SCL1/PCM_DO/DP3
55
P2[5]/PCM_FSC/SF
54
P0[7]/SPI_DI/PWM1
40
P1[0]/INT0/ADC1
16
ULP_PORT
31
ULP_XTAL
30
P0n
4
P2[3]/SDA1/PCM_DI/DP2
56
P1[3]/INT3/SIO
35
P0[6]/SPI_DO
41
LSRn
13
P3[3]/ADC0
15
VREFm
11
LSRp
12
P3[7]/RINGp
66
P2[2]/PCM_CLK/CLK100
57
RFP0n
5
MICh
10
P3[5]/RINGING/RINGOUT
68
RFP0
3
P2[1]/ECZ2/PWM1/LED4
58
VREFp
7
MICp/CIDINn
8
P3[2]/CIDINp
65
P3[6]RINGn
67
P3[4]/PARADET
69
P2[0]/ECZ1/PWM0/LED3
59
RF0
75
MICn/CIDOUT
9
P0
2
RF1
73
P0[5]/SPI_CLK
42
P0[3]/URX2/SCL2
44
P0[2]/UTX2/SDA2
46
C13
1uF
R5
1K
MIC1
1
1
C9
DNA
C12
10pF
+
C11
22uF
R3
0R
R6
10R
C8
0,.1uF
R1
0R
C5
DNA
C15
10pF
J1
1
2
C3
1uF
C6
DNA
C10
DNA
J2
1
2
3
4
5
R8
1K
R4
0R
C7
0,.1uF
internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com