Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECTSF02T Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # SC14CVMDECTSF02T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF02T Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF02T Datasheet HTML 2Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 3Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 4Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 5Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 6Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 7Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 8Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 9Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
6 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
29
PON
I
-
I (270k
fixed
pull-
down)
Power on, Switches on the device if Voltage > 1.5 V.
May be directly connected to VBAT, also with Li-Ion batteries.
After startup the software takes over then PON pin to keep the
device on after which the PON pin may be released.
30
ULP_XTAL
I
-
I
32.768 kHz XTAL clock input. Connect to GND if not used. (Note 6)
31
ULP_PORT
I
-
I
Ultra Low Power Port Pin. Connect to GND if not used. (Note 6)
32
P2[7]
IO
8
I-PU
I/O port
33
P1[5]
IO
8
O-1
I/O Port
34
P1[4]
IO
1/2
I-PD
I/O port
35
P1[3]
IO
1/2
I-PD
I/O Port
36
P1[2]
IO
2
I-PD
I/O Port
37
P1[1]
IO
2
I-PU
I/O Port
38
GND
-
-
-
Ground
39
P2[6]
IO
2
I-PU
I/O port
40
P0[7] / SPI_DI
IO
8
I-PU
I/O Port
SPI Data Input
41
P0[6] / SPI_DO
IO
8
I-PU
I/O Port
SPI Data Out
42
P0[5] / SPI_CLK
IO
8
I-PU
I/O Port
SPI Clock
43
P0[4] / SPI_EN
IO
8
I-PU
I/O port
SPI_EN: Active low.
44
P0[3] / SCL2 /
URX2
IO
8
I-PU
I/O port
Access bus clock, UART Serial In.
45
GND
-
-
-
Ground
46
P0[2] / SDA2 /
UTX2
IO
8
I-PU
I/O port
Access bus data, UART Serial Out.
47
P0[1] / URX
IO
8
I-PD
(10k)
I/O port
UART Serial In
48
P0[0] / UTX
O
8
I-PU
I/O Port
UART Serial Out
49
GND
-
-
-
Ground
50
GND
-
-
-
Ground
51
GND
-
-
-
Ground
52
RSTn
I
1
I-PU
(200k)
Active low Reset input with Schmitt-trigger input, open-drain output.
Input may not exceed 2.0 V. An internal capacitor of 47 nF is
mounted on this pin.
53
JTAG
IO
8
I-PU
(1k)
JTAG-SDI+; one wire Debug interface with open-drain.
54
P2[5]/PCM_FSC
IO
8
I-PU
I/O Port
PCM_FSC: PCM Frame Sync
55
P2[4]/SCL1/
PCM_DO
IO
8
I-PU
I/O port
SCL1; I2C clock
PCM_DO: PCM Data output
Table 2: Pin description (Continued)
Pin
Module
Pin name
(Note 4)
In/
Out
Iout
Drive
(mA)
Reset
State
(Note 5)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com