Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADUCM3027BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADUCM3027BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 28 of 39
Beeper Driver
The ADuCM3027/ADuCM3029 MCUs have an integrated
audio driver for a beeper.
The beeper driver module in the ADuCM3027/ADuCM3029
MCUs generate a differential square wave of programmable
frequency. It drives an external piezoelectric sound component
with two terminals that connect to the differential square wave
output.
The beeper driver consists of a module that can deliver
frequencies ranging from 8 kHz to approximately 0.25 kHz; the
minimum frequency is determined by the maximum value of a
divide register that can be programmed to 127. This results in a
beeper frequency of
32.768 kHz/127 = 0.25802 kHz
The beeper driver allows programmable tone durations in 4 ms
increments. Pulse (single-tone) and sequence (multitone)
modes provide versatile playback options.
In sequence mode, the beeper can be programmed to play any
number of tone pairs from 1 to 254 (2 tones to 508 tones) or be
programmed to play forever (until stopped by the user).
Interrupts are available to indicate the start or end of any beep,
the end of a sequence, or when the sequence is nearing
completion.
Debug Capability
The ADuCM3027/ADuCM3029 MCUs support SWD. The
ADuCM3027/ADuCM3029 MCUs have a reduced flash patch
and breakpoint (FPB) unit with support for up to two hardware
breakpoints.
ON-CHIP PERIPHERAL FEATURES
The ADuCM3027/ADuCM3029 MCUs have a rich set of
peripherals connected to the core via several concurrent high
bandwidth buses, providing flexibility in system configuration
as well as excellent overall system performance (see Figure 1).
The ADuCM3027/ADuCM3029 MCUs contain high speed
serial ports, an interrupt controller for flexible management of
interrupts from the on-chip peripherals or external sources, and
power management control functions to tailor the performance
and power characteristics of the MCU and system to many
application scenarios.
Serial Ports (SPORT)
The ADuCM3027/ADuCM3029 MCUs provide two single
direction half SPORTs or one bidirectional full SPORT. The
synchronous serial ports provide an inexpensive interface to a
wide variety of digital and mixed-signal peripheral devices such
as Analog Devices audio codecs, ADCs, and DACs. The serial
ports contain two data lines, a clock, and a frame sync. The data
lines can be programmed to either transmit or receive, and each
data line has a dedicated DMA channel.
Serial port data can be automatically transferred to and from
on-chip memory or external memory via dedicated DMA
channels. The frame sync and clock can be shared. Some of the
ADCs and DACs require two control signals for their
conversion process. To interface with such devices, the
SPT0_ACNV and SPT0_BCNV signals are provided. To use
these signals, enable the timer enable mode. In this mode, a
PWM timer inside the module generates the programmable
SPT0_ACNV and SPT0_BCNV signals.
Serial ports operate in two modes:
•
Standard digital signal processor (DSP) serial mode
•
Timer enable mode
SPI Ports
The ADuCM3027/ADuCM3029 MCUs provide three SPIs. SPI
is an industry standard, full-duplex, synchronous serial inter-
face that allows eight bits of data to be synchronously
transmitted and simultaneously received. Each SPI incorporates
two DMA channels that interface with the DMA controller. One
DMA channel transmits and the other receives. The SPI on the
MCU eases interfacing to external serial flash devices.
The SPI features include the following:
•
Serial clock phase mode and serial clock polarity mode
•
Loopback mode
•
Continuous and repeated transfer mode
•
Wired OR output mode
•
Read command mode for half-duplex operation (transmit
followed by receive)
•
Flow control support in read command mode
•
Support for 3-pin SPI in read command mode
•
Multiple CS line support
•
CS software override support
UART Port
The ADuCM3027/ADuCM3029 MCUs provide a full-duplex
UART port, which is fully compatible with PC standard UARTs.
The UART port provides a simplified UART interface to other
peripherals or hosts, supporting full-duplex, DMA, and
asynchronous transfers of serial data. The UART port includes
support for five to eight data bits, and none, even, or odd parity.
A frame is terminated by one, one and a half, or two stop bits.
I2C
The ADuCM3027/ADuCM3029 MCUs provide an I2C bus
peripheral that has two pins for data transfer. SCL (Pin P0_04)
is a serial clock pin, and SDA (Pin P0_05) is a serial data pin.
The pins are configured in a wired AND format that allows
arbitration in a multimaster system. A master device can be
configured to generate the serial clock. The frequency is
programmed by the user in the serial clock divisor register. The
master channel can operate in fast mode (400 kHz) or standard
mode (100 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com