Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADUCM3027BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADUCM3027BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 39 of 39
ORDERING GUIDE
Model1
Description
Temperature2
Package Description
Package
Option
ADuCM3027BCBZ-RL
ULP ARM Cortex-M3 with 128 kB Embedded Flash
−40°C to +85°C
54-Ball WLCSP, 13" Reel
CB-54-1
ADuCM3027BCBZ-R7
ULP ARM Cortex-M3 with 128 kB Embedded Flash
−40°C to +85°C
54-Ball WLCSP, 7” Reel
CB-54-1
ADuCM3027BCPZ
ULP ARM Cortex-M3 with 128 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP
CP-64-16
ADuCM3027BCPZ-RL
ULP ARM Cortex-M3 with 128 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP, 13” Reel
CP-64-16
ADuCM3027BCPZ-R7
ULP ARM Cortex-M3 with 128 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP, 7” Reel
CP-64-16
ADuCM3029BCBZ-RL
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
54-Ball WLCSP, 13” Reel
CB-54-1
ADuCM3029BCBZ-R7
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
54-Ball WLCSP, 7” Reel
CB-54-1
ADuCM3029BCPZ
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP
CP-64-16
ADuCM3029BCPZ-RL
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP, 13” Reel
CP-64-16
ADuCM3029BCPZ-R7
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP, 7” Reel
CP-64-16
ADuCM3029-1BCPZ
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP
CP-64-16
ADuCM3029-1BCPZ-R7
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP, 7” Reel
CP-64-16
ADuCM3029-2BCPZ
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP
CP-64-16
ADuCM3029-2BCPZ-R7
ULP ARM Cortex-M3 with 256 kB Embedded Flash
−40°C to +85°C
64-Lead LFCSP, 7” Reel
CP-64-16
EV-COG-AD3029LZ
ADuCM3029 LFCSP Development Board
EV-COG-AD3029WZ
ADuCM3029 WLCSP Development Board
1 Z = RoHS Compliant Part.
2 Referenced temperature is ambient temperature. The ambient temperature is not a specification. See the Absolute Maximum Ratings section for junction temperature
(TJ) specification which is the only temperature specification.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2018–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14168-0-5/19(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com