Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUCM3027BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADUCM3027BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Ultra Low Power Arm Cortex-M3 MCU with
Integrated Power Management
Data Sheet
ADuCM3027/ADuCM3029
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
http://www.analog.com
FEATURES
EEMBC ULPMark™-CP score: 245.5
Ultra low power active and hibernate mode
Active mode dynamic current: 30 μA/MHz (typical)
Flexi mode: 300 μA (typical)
Hibernate mode: 750 nA (typical)
Shutdown mode: 60 nA (typical)
ARM Cortex-M3 processor with MPU
Up to 26 MHz with serial wire debug interface
Power management
Single-supply operation (VBAT): 1.74 V to 3.6 V
Optional buck converter for improved efficiency
Memory options
128 kB/256 kB of embedded flash memory with ECC
4 kB of cache memory to reduce active power
64 kB of configurable system SRAM with parity up to 32 kB
of SRAM retained in hibernate mode
Safety
Watchdog with dedicated on-chip oscillator
Hardware CRC with programmable polynomial
Multiparity bit protected SRAM
ECC protected embedded flash
Security
TRNG
User code protection
Hardware cryptographic accelerator supporting AES-128,
AES-256, and SHA-256
Digital peripherals
3 SPI interfaces to enable glueless interface to sensors,
radios, and converters
I2C and UART interfaces
SPORT for natively interfacing with converters and radios
Programmable GPIOs (44 in LFCSP and 34 in WLCSP)
3 general-purpose timers with PWM support
RTC and FLEX_RTC with SensorStrobe and time stamping
Programmable beeper
25-channel DMA controller
Clocking features
26 MHz clock: on-chip oscillator, external crystal oscillator
32 kHz clock: on-chip oscillator, low power crystal oscillator
Integrated PLL with programmable divider
Analog peripherals
12-bit SAR ADC, 1.8 MSPS, 8 channels, and digital comparator
APPLICATIONS
Internet of Things (IoT)
Electronic shelf label (ESL) and signage
Smart infrastructure
Smart lock
Asset tracking
Smart machine, smart metering, smart building, smart city,
and smart agriculture
Wearables
Fitness and clinical
Machine learning and neural network
FUNCTIONAL BLOCK DIAGRAM
PLL
26MHz CORE RATE
SERIAL WIRE
INSTRUCTION
RAM/CACHE
(32kB)
POWER
MANAGEMENT
BUCK
FLASH
(256kB)
SRAM0
(16kB)
SRAM1
(16kB)
NVIC
MPU
REF BUFFER
ADC
TEMPERATURE
SENSOR
DMA
SPORT
SPI
PROGRAMMABLE
CRC POLYNOMIAL
SPI
SPI
I2C
UART
TMR2
TMR0
WDT
TMR1
BEEPER
RTC0
GPIO
RTC1
TRNG
MULTI-
LAYER
AMBA
BUS
MATRIX
AHB-APB
BRIDGE
WIC
ARM
CORTEX-M3
HFXTAL
LFXTAL
HFOSC
LFOSC
CRYPTO
(AES 128/256,
SHA 256)
Figure 1.


Similar Part No. - ADUCM3027BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM300 AD-ADUCM300 Datasheet
379Kb / 16P
Automotive Qualified, Dual-Channel, Precision ADCs with LIN2.2 Slave Interface
6/2019-Revision 0
ADUCM300WBCPZ AD-ADUCM300WBCPZ Datasheet
379Kb / 16P
Automotive Qualified, Dual-Channel, Precision ADCs with LIN2.2 Slave Interface
6/2019-Revision 0
More results

Similar Description - ADUCM3027BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Analog Devices
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3
07-Feb-2013
STM32L151ZDT6 STMICROELECTRONICS-STM32L151ZDT6 Datasheet
1Mb / 140P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
01-Feb-2013
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
logo
NXP Semiconductors
LPC18S50 NXP-LPC18S50 Datasheet
2Mb / 151P
32-bit ARM Cortex-M3 flashless MCU with security features
Rev. 1-23 February 2015
logo
Texas Instruments
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
Power Management for ARM Cortex-A8/A9 SOCs
logo
Analog Devices
ADUCM4050 AD-ADUCM4050 Datasheet
743Kb / 46P
Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
4/2019-Rev. 0 to Rev. A
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
logo
Texas Instruments
TPS65219-Q1 TI-TPS65219-Q1 Datasheet
2Mb / 130P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com