Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADUCM3027BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADUCM3027BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 30 of 39
EEMBC ULPMARK™-CP SCORE
Using the software configuration and the profile configuration
shown in the following tables, the EEMBC ULPMark-CP score
is 245.5.
Table 25. EEMBC ULPMark™-CP Software Configuration
Software Configuration
Value
Compiler Name and Version
IAR EWARM 7.50.2.10505
Compiler Flags
-Ohs --
endian=little --
cpu=Cortex-M3 -D
__ADuCM3029__
ULPBench Profile and Version
Core Profile v1.1
EnergyMonitor Software Version
V1.1.3
Table 26. EEMBC ULPMark™-CP Profile Configuration
Profile Configuration
Value
Wakeup Timer Module
RTC1
Wakeup Timer Clock Source
External crystal
Wakeup Timer Frequency
32768 Hz
Wakeup Timer Accuracy
20 PPM
Active Power Mode Name
Active mode
Active Mode Clock Configuration
26 MHz (CPU), 32 kHz (RTC)
Active Mode Voltage Integrity
1.74 V
Inactive Power Mode Name
Hibernate
Inactive Clock Configuration
Off (CPU), 32 kHz (RTC)
Inactive Mode Voltage Integrity
1.74 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com