Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADUCM3027BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADUCM3027BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 4 of 39
SPECIFICATIONS
OPERATING CONDITIONS AND ELECTRICAL CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
EXTERNAL BATTERY SUPPLY VOLTAGE1, 2
VBAT
1.74
3.0
3.6
V
INPUT VOLTAGE
High Level
VIH
2.5
V
VBAT = 3.6 V
Low Level
VIL
0.45
V
VBAT = 1.74 V
ADC SUPPLY VOLTAGE
VBAT_ADC
1.74
3.0
3.6
V
OUTPUT VOLTAGE3
High Level
VOH
1.4
V
VBAT = 1.74 V, IOH = −1.0 mA
Low Level
VOL
0.4
V
VBAT = 1.74 V, IOL = 1.0 mA
INPUT CURRENT PULL-UP4
High Level
IIHPU
0.01
0.2
µA
VBAT = 3.6 V, VIN = 3.6 V
Low Level
IILPU
100
µA
VBAT =3.6 V, VIN = 0 V
THREE-STATE LEAKAGE CURRENT
High Level5
IOZH
0.01
0.15
µA
VBAT = 3.6 V, VIN = 3.6 V
Pull-Up6
IOZHPU
0.30
µA
VBAT = 3.6 V, VIN = 3.6 V
Pull-Down7
IOZHPD
100
µA
VBAT = 3.6 V, VIN = 3.6 V
Low Level5
IOZL
0.01
0.15
µA
VBAT = 3.6 V, VIN = 0 V
Pull-Up6
IOZLPU
100
µA
VBAT = 3.6 V, VIN = 0 V
Pull-Down7
IOZLPD
0.15
µA
VBAT = 3.6 V, VIN = 0 V
INPUT CAPACITANCE
CIN
10
pF
TJ = 25°C
JUNCTION TEMPERATURE
TJ
−40
+85
°C
TAMBIENT = -40°C to +85°C
1
Value applies to VBAT_ANA1, VBAT_ANA2, VBAT_DIG1, and VBAT_DIG2 pins.
2
Must remain powered (even if the associated function is not used).
3
Applies to the output and bidirectional pins: P0_00 to P0_15, P1_00 to P1_15, and P2_00 to P2_11.
4
Applies to the SYS_HWRST input pin with pull-up.
5
Applies to the three-state pins: P0_00 to P0_05, P0_08 to P0_15, P1_00 to P1_15, and P2_00 to P2_11.
6
Applies to the three-state pins with pull-ups: P0_00 to P0_05, P0_07 to P0_15, and P1_00 to P1_11.
7
Applies to the P0_06 three-state pin with pull-down.
EMBEDDED FLASH SPECIFICATIONS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FLASH
Endurance
10,000
Cycles
Data Retention
10
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com