Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADUCM3027BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADUCM3027BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM3027BCPZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 38 of 39
OUTLINE DIMENSIONS
0.50
BSC
4.60
4.50 SQ
4.40
0.50
0.40
0.30
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.20
9.10
9.00 SQ
8.90
0.20 MIN
7.50 REF
COMPLIANT TO JEDEC STANDARDS MO-220-WMMD
1
64
16
17
49
48
32
33
BOTTOM VIEW
TOP VIEW
END VIEW
SEATING
PLANE
EXPOSED
PAD
DETAIL A
(JEDEC 95)
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
Figure 29. 64-Lead Frame Chip Scale Package [LFCSP]
9 mm × 9 mm Body and 0.75 mm Package Height
(CP-64-16)
Dimensions shown in millimeters
0.530
0.470
0.410
2.800
2.760 SQ
2.720
0.210
0.180
0.150
0.320
0.290
0.260
0.280
0.240
0.200
BALL A1
IDENTIFIER
COPLANARITY
0.05
SEATING
PLANE
0.303
BSC
0.35
BSC
0.108
0.210
0.350
BSC
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.103
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
9
10
11
12
13
Figure 30. 54-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-54-1)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com