Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCEP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DCEP
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DCEP Datasheet(HTML) 1 Page - Maxim Integrated Products

  DCEP Datasheet HTML 1Page - Maxim Integrated Products DCEP Datasheet HTML 2Page - Maxim Integrated Products DCEP Datasheet HTML 3Page - Maxim Integrated Products DCEP Datasheet HTML 4Page - Maxim Integrated Products DCEP Datasheet HTML 5Page - Maxim Integrated Products DCEP Datasheet HTML 6Page - Maxim Integrated Products DCEP Datasheet HTML 7Page - Maxim Integrated Products DCEP Datasheet HTML 8Page - Maxim Integrated Products DCEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
________________________________________________________________ _Maxim Integrated Products_ _ 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX19527 Evaluation Kit
19-5522; Rev 0; 9/10
General Description
The MAX19527 evaluation kit (EV kit) is a fully assembled
and tested circuit board that contains all the components
necessary to evaluate the performance of the MAX19527
50Msps octal, 12-bit analog-to-digital converter (ADC).
The EV kit also includes Windows® 2000-, Windows
XP®-, and Windows Vista®-compatible software that
provides a simple graphical user interface (GUI) for exer-
cising the features of the ADC.
The EV kit accepts single-ended analog inputs from
an analog signal source and provides an on-board
circuit that transforms the analog single-ended signal
into a differential signal. The ADC digital LVDS outputs
can be captured easily with Maxim’s data converter
evaluation platform (DCEP). The EV kit operates from
a single 3.3V power supply and provides on-board
regulation for the analog, digital, and logic circuitries.
Features
S
_ Single_Power-Supply_Operation
S
_ Direct_Interface_with_the_Maxim_DCEP_Data_Board_
Using_a_QSH_Connector
S
_ Low-Voltage_and_Low-Power_Operation
S
_ On-Board_Single-Ended-to-Differential_
Transformer_Circuitry
S
_ Differential_or_Single-Ended_Clock_Configuration
S
_ On-Board_Clock-Shaping_Circuit_with_Adjustable_
Duty_Cycle
S
_ On-Board_or_Stand-Alone_SPI™_Interface_Control
S
_ DCEP_Board_Available
S
_ Fully_Assembled_and_Tested
+Denotes lead(Pb)-free and RoHS compliant.
Ordering Information
Component List
Windows, Windows XP, and Windows Vista are registered
trademarks of Microsoft Corp.
SPI is a trademark of Motorola, Inc.
DESIGNATION
QTY
DESCRIPTION
B9, CMOUT,
TP1–TP8
10
Red PC test points
C1–C16, C58,
C62–C65, C114
22
0.1FF Q10%, 10V X5R ceramic
capacitors (0402)
TDK C1005X5R1A104K or
Murata GRM155R61A104K
C41–C56
16
39pF Q5%, 50V C0G ceramic
capacitors (0402)
TDK C1005C0G1H390J or
Murata GRM1555C1H390J
C57, C77, C81
3
1FF Q10%, 6.3V X5R ceramic
capacitors (0402)
TDK C1005X5R0J105K or
Murata GRM155R60J105K
DESIGNATION
QTY
DESCRIPTION
C59, C89, C90,
C95–C98,
C103–C106, C111,
C112, C113, C130,
C133, C135, C136,
C137, C140, C141,
C144, C145, C146
24
0.1FF Q10%, 50V X5R ceramic
capacitors (0603)
TDK C1608X5R1H104K or
Murata GRM188R51H104K
C60, C61,
C66–C69
0
Not installed, ceramic
capacitors (0603)
C74, C78
2
220FF Q20%, 6.3V tantalum
capacitors (C case)
AVX TPSC227M006R0250 or
KEMET T495C227K006ATE225
C75, C79
0
Not installed, tantalum
capacitors (C case)
PART
TYPE
MAX19527EVKIT+
EV Kit
DCEP
Data Converter Evaluation Platform


Similar Part No. - DCEP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCE-ANT5819 ETC2-DCE-ANT5819 Datasheet
1Mb / 12P
Client Side Antennas
logo
LEMO Connectors
DCE.91.050.0VC LEMO-DCE.91.050.0VC Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
DCE.91.050.0VM LEMO-DCE.91.050.0VM Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
DCE.91.070.3MVM LEMO-DCE.91.070.3MVM Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
DCE.91.070.5MVC LEMO-DCE.91.070.5MVC Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
More results

Similar Description - DCEP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
Low-voltage and Standard-voltage Operation
logo
Maxim Integrated Produc...
MAX1198EVKIT MAXIM-MAX1198EVKIT Datasheet
516Kb / 10P
Low-Voltage and Low-Power Operation
Rev 0; 8/02
MAX1434EVKIT MAXIM-MAX1434EVKIT Datasheet
1Mb / 23P
Low-Voltage and Low-Power Operation
Rev 1; 8/10
MAX12553EVKIT MAXIM-MAX12553EVKIT Datasheet
432Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 10/06
MAX12527EVKIT MAXIM-MAX12527EVKIT Datasheet
753Kb / 21P
Low-Voltage and Low-Power Operation
Rev 2; 3/21
MAX19710EVKIT MAXIM-MAX19710EVKIT Datasheet
685Kb / 21P
Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19541EVKIT MAXIM-MAX19541EVKIT Datasheet
441Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com