Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCEP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DCEP
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DCEP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DCEP Datasheet HTML 6Page - Maxim Integrated Products DCEP Datasheet HTML 7Page - Maxim Integrated Products DCEP Datasheet HTML 8Page - Maxim Integrated Products DCEP Datasheet HTML 9Page - Maxim Integrated Products DCEP Datasheet HTML 10Page - Maxim Integrated Products DCEP Datasheet HTML 11Page - Maxim Integrated Products DCEP Datasheet HTML 12Page - Maxim Integrated Products DCEP Datasheet HTML 13Page - Maxim Integrated Products DCEP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MAX19527 Evaluation Kit
10_ _ ______________________________________________________________________________________
Keyboard Navigation
Press Ctrl + Tab to navigate to the tab sheets. The
selected tab sheet is indicated by a dotted outline. Press
the Tab key to select each GUI control. The selected
control is indicated by a dotted outline. Using Shift +
Tab moves the selection to the previously selected con-
trol. Buttons respond to the keyboard's space bar and
some controls respond to the keyboard's up and down
arrow keys. Activate the program's menu bar by press-
ing the F10 key and then press the letter of the desired
menu item. Most menu items have one letter underlined,
indicating their shortcut key.
When a number is entered into the edit boxes, it can be
sent to the device by pressing the Enter key. The data is
also sent when Tab or Shift + Tab is pressed.
Detailed Description of Hardware
The MAX19527 EV kit is a fully assembled and tested
circuit board that contains all the components necessary
to evaluate the performance of the MAX19527 50Msps
octal, 12-bit ADC.
The ADC accepts differential input signals; however,
on-board transformers (T1–T8) convert the single-ended
signals applied to the IN1–IN8 SMA connectors to the
required differential signals. The input signals of the
ADC can be measured using a differential oscilloscope
probe at header J1. The ADC’s digital LVDS output
signals are accessible at header H2. Output drivers
(U4, U5, and U6) are used for buffering the LVDS output
signals when interfacing the EV kit to the DCEP board.
The EV kit can be configured for communicating to the
SPI interface using the on-board USB circuitry or a user-
supplied external 3-wire controller using jumpers JU11
JU12, and JU13.
The EV kit is designed as a six-layer PCB to optimize the
performance of the ADC. Separate analog, digital, and
buffer power planes minimize noise coupling between
analog and digital signals. The analog and clock inputs
and the LVDS outputs use 100I differential microstrip
transmission lines. All singled-ended digital outputs use
50I microstrip transmission lines. The trace lengths of
the 100I differential LVDS output lines are matched to
within a few thousands of an inch to minimize layout-
dependent output-signal skew.
Power Supplies
The EV kit operates from a single 3.3V DC power supply
applied at the +3.3V and GND PCB pads and provides
on-board regulation to power the IC analog and digital
circuit blocks, and the MAX9392 LVDS buffers.
The analog circuit block (AVDD) is regulated to 1.8V
using the MAX8902A (U2). To power the analog circuit
using the EV kit circuitry, install a shunt on jumper JU14.
To disconnect the 1.8V power source, remove the shunt
at JU14. See Table 3 for proper JU14 configuration.
The digital circuit block (OVDD) is regulated to 1.8V
using the MAX8902A (U3). To power the digital circuit
using the EV kit circuitry, install a shunt on jumper JU15.
To disconnect the 1.8V power source from OVDD,
remove the shunt on JU15. See Table 4 for proper JU15
configuration.
Jumpers JU14 and JU15 are provided to disconnect the
power sources or to measure current through AVDD and
OVDD, respectively.
Clock Input
The data converter allows either differential or single-
ended signals to drive the clock inputs. The EV kit
supports both methods.
In single-ended operation, the clock signal is applied
at the CLK SMA connector and connects to the ADC
through a buffer (U7). In differential mode, an on-board
transformer converts a user-supplied single-ended
analog input and generates a differential analog signal,
which is then applied to the ADC’s input pins. The clock
signal applied to the ADC can be observed at header J2.
Table_3._AVDD_Input_Power_Configuration_
(JU14)
Table_4._OVDD_Input_Power_Configuration_
(JU15)
*Default position.
*Default position.
SHUNT_POSITION
AVDD_(V)
Installed*
1.8V LDO (U2) powers the AVDD
input
Not installed
Power disconnected from the
AVDD input
SHUNT_POSITION
OVDD_(V)
Installed*
1.8V LDO (U3) powers the OVDD
input
Not installed
Power disconnected from the
OVDD input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com