Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCEP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DCEP
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DCEP Datasheet(HTML) 3 Page - Maxim Integrated Products

  DCEP Datasheet HTML 1Page - Maxim Integrated Products DCEP Datasheet HTML 2Page - Maxim Integrated Products DCEP Datasheet HTML 3Page - Maxim Integrated Products DCEP Datasheet HTML 4Page - Maxim Integrated Products DCEP Datasheet HTML 5Page - Maxim Integrated Products DCEP Datasheet HTML 6Page - Maxim Integrated Products DCEP Datasheet HTML 7Page - Maxim Integrated Products DCEP Datasheet HTML 8Page - Maxim Integrated Products DCEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MAX19527 Evaluation Kit
________________________________________________________________________________________ _ 3
Component List (continued)
*EP = Exposed pad.
Component Suppliers
Note: Indicate that you are using the MAX19527 when contacting these component suppliers.
MAX19527 EV Kit Files
DESIGNATION
QTY
DESCRIPTION
U8
1
UART-to-USB converter
(32 TQFP)
FTDI FT232BL
U9
1
93C46 type 3-wire EEPROM
(8 SO)
Atmel AT93C46EN-SH-B
U10
1
Ultra-high-speed
microcontroller (44 TQFP)
Maxim DS89C450-ENL+
U11
1
Level translator (20 TSSOP)
Maxim MAX3002EUP+
DESIGNATION
QTY
DESCRIPTION
U12
1
Quad three-state driver (14 SO)
Fairchild 74AC125SC
U13
0
Not installed, LDO regulator
(5 SC70)
U14
0
Not installed, level translator
(14 TSSOP)
Y1
1
14.7456MHz crystal
Y2
1
6MHz crystal
—
15
Shunts (JU1–JU15)
—
1
PCB: MAX19527 EVALUATION
KIT+
SUPPLIER
PHONE
WEBSITE
AVX Corporation
843-946-0238
www.avxcorp.com
Central Semiconductor Corp.
631-435-1110
www.centralsemi.com
Coilcraft, Inc.
847-639-6400
www.coilcraft.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
KEMET Corp.
864-963-6300
www.kemet.com
Mini-Circuits
718-934-4500
www.minicircuits.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Samtec, Inc.
800-726-8329
www.samtec.com
TDK Corp.
847-803-6100
www.component.tdk.com
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your computer
MAX19527.EXE
Application program
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstalls the EV kit software
USB_Driver_Help_200.PDF
USB driver installation help file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com