Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCEP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DCEP
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DCEP Datasheet(HTML) 4 Page - Maxim Integrated Products

  DCEP Datasheet HTML 1Page - Maxim Integrated Products DCEP Datasheet HTML 2Page - Maxim Integrated Products DCEP Datasheet HTML 3Page - Maxim Integrated Products DCEP Datasheet HTML 4Page - Maxim Integrated Products DCEP Datasheet HTML 5Page - Maxim Integrated Products DCEP Datasheet HTML 6Page - Maxim Integrated Products DCEP Datasheet HTML 7Page - Maxim Integrated Products DCEP Datasheet HTML 8Page - Maxim Integrated Products DCEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MAX19527 Evaluation Kit
4_ _ _______________________________________________________________________________________
Quick Start
Recommended Equipment
•
MAX19527 EV kit
•
Single 3.3V, 1A DC power supply
•
Signal generator with low phase noise and low jitter
for clock input (e.g., HP 8644B)
•
Signal
generator
for
analog
signal
input
(e.g., HP 8644B)
•
Maxim DCEP
•
Analog bandpass filters (e.g., K&L Microwave) for
input and clock signals
•
User-supplied Windows 2000, Windows XP, or
Windows Vista PC with two spare USB ports
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
from the EV kit software. Text in bold_ and_ underlined
refers to items from the Windows operating system.
Procedure
The EV kit is a fully assembled and tested surface-mount
board. Follow the steps below to verify board operation.
Caution:_Do_not_turn_on_power_supplies_or_enable_sig-
nal_generators_until_all_connections_are_completed.
1) Verify that shunts are configured in their default
positions (Table 1) for proper startup operation of
the EV kit software.
2) Connect the clock generator output to the clock
bandpass filter input.
3) Connect the output of the clock bandpass filter to
the EV kit CLK SMA connector.
4) Connect the outputs of the analog signal generators
to the input of the signal bandpass filters. Keep the
cable connection between the signal generators,
filters, and EV kit board as short as possible for
optimum dynamic performance.
5) Connect the output of the signal bandpass filters
to the IN_ SMA connectors. It is recommended that
a 3dB or 6dB attenuation pad be used to reduce
reflections and distortion from the bandpass filter.
6) Carefully connect the boards by aligning J5 on the
DCEP board to H1 on the EV kit. Gently press them
together.
7) Connect the USB cable from the computer’s type-A
USB port to the DCEP board’s type-B USB port.
8) Connect the 3.3V, 1A power supply to the +3.3V
PCB pad. Connect the ground terminal of this
supply to the corresponding GND pad.
9) Visit www.maxim-ic.com/evkitsoftware to down-
load the latest version of the EV kit software
and install it on your computer by running the
INSTALL.EXE program. The program files are cop-
ied and icons are created in the Windows Start_ |_
Programs menu.
10) Apply power to the DCEP board at J4 using the
DCEP board provided supply connector.
11) Enable the 3.3V power supply.
12) Enable the signal generators.
13) Set the clock signal generator for an output amplitude
of ≥ 2.7VP-P (recommended +16dBm to +19dBm for
optimum AC performance for input frequencies >
25MHz) and the frequency (fCLK) as appropriate.
14) Set the analog input signal generators for an output
amplitude of ≤ 1.5VP-P, and to the desired frequen-
cy.
15) Verify that the signal generators are phase locked to
each other. Adjust the output power level of the sig-
nal generators to overcome cable, bandpass filter,
and attenuation pad losses at the input.
16) Start the EV kit program by opening its icon in the
Start_|_Programs menu.
17) Refer to the Data Converter Evaluation Platform
(DCEP) User’s Guide for information on installing the
DCEP software.
18) Start the DCEP program by opening its icon in the
Start_|_Programs menu.
19) Create a new database in the DCEP by adding the
device module file, MAX19527-EVK-xx.dsm. Refer
to the Opening a New Database section in the Data
Converter Evaluation Platform (DCEP) User’s Guide
for additional information.
20) Collect data using the DCEP software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com