Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCEP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DCEP
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DCEP Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DCEP Datasheet HTML 8Page - Maxim Integrated Products DCEP Datasheet HTML 9Page - Maxim Integrated Products DCEP Datasheet HTML 10Page - Maxim Integrated Products DCEP Datasheet HTML 11Page - Maxim Integrated Products DCEP Datasheet HTML 12Page - Maxim Integrated Products DCEP Datasheet HTML 13Page - Maxim Integrated Products DCEP Datasheet HTML 14Page - Maxim Integrated Products DCEP Datasheet HTML 15Page - Maxim Integrated Products DCEP Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MAX19527 Evaluation Kit
12_ _ ______________________________________________________________________________________
To maintain the ADC’s current register content, place
shunts across pins 1-3 of JU11, JU12, and JU13.
Shutdown (SHDN)
The ADC can also be placed in a low-power shutdown
mode through jumper JU9. The SHDN pin is a toggle
switch between two power-management states, shown
in Figure 2 under the Power_ Management group box
of the software interface. When a shunt is installed on
pins 1-2 of JU9, SHDN is connected to AVDD and the
user can select the appropriate settings for inputs IN1_
Active–IN8 Active and Sleep/Nap_Mode under the label
**Use_when_SHDN_=_1_(IC_bump_B10)**. When a shunt
is installed on pins 2-3 of JU9, SHDN is connected to
GND and the user can select the appropriate settings
for inputs IN1_Active–IN8_Active and Sleep/Nap_Mode_
under the label **Use_when_SHDN_=_0_(IC_bump_B10)**.
See Table 9 for proper JU9 configuration for shutdown
control of the EV kit.
Connecting the DCEP to the EV Kit
The DCEP and EV kit board can be connected using the
specified on-board connectors. H1 on the EV kit mates
with J5 on the DCEP board. Alternatively, the two boards
can be connected with coaxial ribbon cables (Samtec,
part no. HQCD-060.00-STR-TBR-1). Note that it is neces-
sary to use either the on-board connectors or cables to
obtain a reliable electrical connection between the two
boards.
Using the DCEP with the EV Kit
Maxim’s DCEP is required for evaluation of this EV kit.
An EV kit-specific device module file is required to con-
figure the DCEP software. The most up-to-date device
module file can be downloaded from www.maxim-ic.
com/evkitsoftware. When loading the DCEP device
module file, select MAX19527-EVK-xx.dsm and verify
that the device module GUI window corresponds to
Figure 5. Refer to the Opening a New Database section
in the Data Converter Evaluation Platform (DCEP) User’s
Guide for additional information.
Table_7._SDIO_Input_Configuration_(JU12)
Table_8._CS_Input_Configuration_(JU13)
Table_9_SHDN_Configuration_(JU9)
*Default position.
*Default position.
*Default position.
SHUNT_POSITION
SDIO_PIN
EV_KIT_FUNCTION
1-2*
Connects to SDIO EV kit level
translator circuitry
SDIO signal supplied by USB circuitry
1-3
Connects to ground
Maintains the ADC register’s content
1-4
Connects to SDIO DCEP level
translator circuitry
For future use
Not installed
Connects to header J10-5
SDIO signal supplied by an external source at header J10
SHUNT_POSITION
CS_PIN
EV_KIT_FUNCTION
1-2*
Connects to CS EV kit level
translator circuitry
CS signal supplied by USB circuitry EV kit software
1-3
Connects to ground
Maintains the ADC register’s content
1-4
Connects to CS DCEP level
translator circuitry
For future use
Not installed
Connects to header J10-3
CS signal supplied by an external source at header J10
SHUNT_POSITION
SHND_PIN
EV_KIT_FUNCTION
1-2*
Connected to AVDD
Use **When_SHDN_=_1_(IC_bump_B10)**
software GUI box controls
2-3
Connected to GND
Use **When_SHDN_=_0_(IC_bump_B10)**
software GUI box controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com