Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCEP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DCEP
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DCEP Datasheet(HTML) 5 Page - Maxim Integrated Products

  DCEP Datasheet HTML 1Page - Maxim Integrated Products DCEP Datasheet HTML 2Page - Maxim Integrated Products DCEP Datasheet HTML 3Page - Maxim Integrated Products DCEP Datasheet HTML 4Page - Maxim Integrated Products DCEP Datasheet HTML 5Page - Maxim Integrated Products DCEP Datasheet HTML 6Page - Maxim Integrated Products DCEP Datasheet HTML 7Page - Maxim Integrated Products DCEP Datasheet HTML 8Page - Maxim Integrated Products DCEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MAX19527 Evaluation Kit
________________________________________________________________________________________ _ 5
Table_1._Jumper_Configuration_(JU1–JU15)
*Default position.
JUMPER
SHUNT_POSITION
EV_KIT_FUNCTION
JU1
Not installed
IN1 input network disconnected from CMOUT
Installed*
IN1 input network connected to CMOUT
JU2
Not installed
IN2 input network disconnected from CMOUT
Installed*
IN2 input network connected to CMOUT
JU3
Not installed
IN3 input network disconnected from CMOUT
Installed*
IN3 input network connected to CMOUT
JU4
Not installed
IN4 input network disconnected from CMOUT
Installed*
IN4 input network connected to CMOUT
JU5
Not installed
IN5 input network disconnected from CMOUT
Installed*
IN5 input network connected to CMOUT
JU6
Not installed
IN6 input network disconnected from CMOUT
Installed*
IN6 input network connected to CMOUT
JU7
Not installed
IN7 input network disconnected from CMOUT
Installed*
IN7 input network connected to CMOUT
JU8
Not installed
IN8 input network disconnected from CMOUT
Installed*
IN8 input network connected to CMOUT
JU9
1-2
SHDN connected to AVDD (power-management mode to SHDN = 1)
2-3*
SHDN connected to GND (power-management mode to SHDN = 0)
JU10
Not installed
CMOUT disconnected from input networks
Installed*
CMOUT connected to input networks
JU11
1-2*
SCLK signal supplied by the USB circuitry
1-3
Maintains the ADC register’s content
1-4
For future use
Not installed
SCLK signal supplied by an external source at header J10
JU12
1-2*
SDIO signal supplied by the USB circuitry
1-3
Maintains the ADC register’s content
1-4
For future use
Not installed
SDIO signal supplied by an external source at header J10
JU13
1-2*
CS signal supplied by the USB circuitry
1-3
Maintains the ADC register’s content
1-4
For future use
Not installed
CS signal supplied by an external source at header J10
JU14
Installed*
1.8V LDO (U2) powers the AVDD input
Not installed
1.8V LDO(U2) output disconnected from the AVDD input
JU15
Installed*
1.8V LDO (U3) powers the OVDD input
Not installed
1.8V LDO (U3) output disconnected from the OVDD input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com