Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS10001B21 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS10001B21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS10001B21 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS10001B21 Datasheet HTML 6Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 7Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 8Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 9Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 10Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 11Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 12Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 13Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
10
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
OUTPUT DUTY CYCLE/PULSE WIDTH/tPERIOD
PHASE JITTER
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V±5%
OUTPUT RISE/FALL TIME
-1.65V±5%
Clock
Outputs
20%
80%
80%
20%
tR
t F
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q
V
EE
V
DD,
V
DDA, VDDO,
V
DDX
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com