Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS10001B21 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS10001B21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS10001B21 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS10001B21 Datasheet HTML 11Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 12Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 13Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 14Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 15Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 16Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 17Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 18Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
15
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
NOTES ON SETTING THE VALUE OF C
P
As another general rule, the following relationship should be
maintained between components C
S and CP in the loop filter:
C
P establishes a second pole in the VCXO PLL loop filter. For
higher damping factors (> 1), calculate the value of C
P based on
a C
S value that would be used for a damping factor of 1. This will
minimize baseband peaking and loop instability that can lead to
output jitter.
C
P also dampens VCXO PLL input voltage modulation by the
charge pump correction pulses. A C
P value that is too low will
result in increased output phase noise at the phase detector
frequency due to this. In extreme cases where input jitter is high,
charge pump current is high, and C
P is too small, the VCXO PLL
input voltage can hit the supply or ground rail resulting in non-
linear loop response.
The best way to set the value of C
P is to use the filter response
software available from ICS (please refer to the following section).
C
P should be increased in value until it just starts affecting the
passband peak.
NOTES ON EXTERNAL CRYSTAL LOAD CAPACITORS
In the loop filter schematic diagram, capacitors are shown be-
tween pins 27/30 to ground and between pins 38/31 to ground.
These are optional crystal load capacitors which can be used to
center tune the external pullable crystal (the crystal frequency
can only be lowered by adding capacitance, it cannot be raised).
Note that the addition of external load capacitors will decrease
the crystal pull range and the Kvco value.
LOOP FILTER RESPONSE SOFTWARE
Online tools to calculate loop filter response can be found at
www.icst.com. Contact your local sales representative if a tool
cannot be found for this product.
C
P =
C
S
20
EXTERNAL VCXO PLL COMPONENTS
In general, the loop damping factor should be 0.7 or greater to
ensure output stability. A higher damping factor will create less
peaking in the passband. A higher damping factor may also
increase lock time and output clock jitter when there is excess
digital noise in the system application, due to the reduced ability
of the PLL to respond to and therefore compensate for phase
noise ingress.
1
2
3
64
27/30
28/31
LF1
LF0
ISET
C
S
R
S
C
P
R
SET
The external crystal devices and loop filter components should
be kept close to the device. Loop filter and crystal PCB
connection traces should be kept short and well separated from
each other and from other signal traces. Other signal traces
shouldnot run underneath the device, the loop filter or crystal
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com