Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS10001B21 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS10001B21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS10001B21 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS10001B21 Datasheet HTML 1Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 2Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 3Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 4Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 5Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 6Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 7Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 8Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
3
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
D
D
V
,
A
D
D
V
,
O
D
D
V
5
6
4
.
3
=D
B
TF
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
,
10
F
L
,
1
F
L
g
o
l
a
n
A
t
u
p
t
u
O
/
t
u
p
n
I
.
s
n
i
p
e
d
o
n
n
o
i
t
c
e
n
n
o
c
r
e
t
li
f
p
o
o
L
3T
E
S
I
g
o
l
a
n
A
t
u
p
t
u
O
/
t
u
p
n
I
.
n
i
p
g
n
i
t
t
e
s
t
n
e
r
r
u
c
p
m
u
p
e
g
r
a
h
C
5
2
,
1
1
,
4V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
r
o
C
2
2
,
5
,
0
P
B
n
1
P
B
n
t
u
p
n
Ip
u
ll
u
P.
m
a
r
g
a
i
d
k
c
o
l
b
e
e
S
.
s
n
i
p
l
o
r
t
n
o
c
s
s
a
p
y
B
L
L
P
9
2
,
0
2
,
6D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
7L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
1
K
L
C
s
t
c
e
l
e
s
H
G
I
H
n
e
h
W
.
t
c
e
l
e
s
k
c
o
l
c
t
u
p
n
I
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
0
K
L
C
9
,
80
K
L
C
,
1
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
n
i
k
c
o
l
C
,
4
1
,
0
1
6
1
,
5
1
,
1
V
,
0
V
3
V
,
2
V
t
u
p
n
In
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
n
i
p
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
L
L
P
O
X
C
V
2
1R
Mt
u
p
n
In
w
o
d
ll
u
P
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
H
G
I
H
e
v
i
t
c
A
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
w
o
l
o
g
o
t
t
u
p
t
u
o
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
e
r
a
.
d
e
l
b
a
n
e
s
i
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
1F
Mt
u
p
n
In
w
o
d
ll
u
P
.
n
i
p
t
c
e
l
e
s
r
o
t
c
a
f
n
o
i
t
a
c
il
p
i
t
l
u
m
k
c
o
l
C
o
t
m
e
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
7
1V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
8
1V
O
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O
9
1Q
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
c
L
L
P
O
X
C
V
1
2E
Ot
u
p
n
Ip
u
ll
u
P
.
e
t
a
t
s
i
r
t
n
i
s
i
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
.
d
e
l
b
a
n
e
s
i
t
u
p
t
u
o
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4
2
,
3
20
N
,
1
Nt
u
p
n
In
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
c
e
l
e
s
e
d
i
v
i
d
t
u
p
t
u
o
k
c
o
l
C
o
t
m
e
F
6
2L
E
S
_
L
A
T
Xt
u
p
n
In
w
o
d
ll
u
P
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
1
L
A
T
X
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
t
c
e
l
e
s
l
a
t
s
y
r
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
0
L
A
T
X
,
7
2
8
2
,
1
T
U
O
_
L
A
T
X
1
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
n
i
e
h
t
s
i
1
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
t
u
p
t
u
o
e
h
t
s
i
1
T
U
O
_
L
A
T
X
,
0
3
1
3
,
0
T
U
O
_
L
A
T
X
0
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
n
i
e
h
t
s
i
0
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
t
u
p
t
u
o
e
h
t
s
i
0
T
U
O
_
L
A
T
X
2
3V
X
D
D
r
e
w
o
P.
p
m
u
p
e
g
r
a
h
c
O
X
C
V
r
o
f
n
i
p
y
l
p
p
u
s
r
e
w
o
P
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com