Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS10001B21 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS10001B21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS10001B21 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS10001B21 Datasheet HTML 8Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 9Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 10Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 11Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 12Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 13Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 14Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 15Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
12
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
APPLICATION EXAMPLE 1: 27MHZ TO 74.25MHZ
Charge
Pump
VCXO
V3:V0 = 0000
Phase
Detector
Q = 74.25 MHz
Output
Divider
00 = 4
01 = 8
10 = 12
11 = 18
VCXO Feedback Divider
= 1000
VCXO Input
Pre-Divider
= 1000
VCXO Jitter Attenuation PLL
VCXO
Divider
Table
OE = 1
01
MF = 0
MR = 0
Master Reset
0
1
CLK0 = 27 MHz
CLK1 = GND
CLK_SEL = 0
N1:N0 = 01
4
2
11
10
10
11
01
01
10
11
00
2
nBP1:nBP0 = 11
FemtoClock
Frequency Multiplier
= x 22
RSET = 4.4k
(Makes ISET = 250 A)
Cp = 3300 pf
Cs = 0.068 F
Rs = 261 k
VCXO PLL Loop Characteristics with this configuration:
- Bandwidth (-3dB) = 100 Hz
- Damping Factor = 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com