Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS10001B21 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS10001B21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS10001B21 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS10001B21 Datasheet HTML 1Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 2Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 3Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 4Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 5Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 6Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 7Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 8Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
1
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
GENERAL DESCRIPTION
The ICS810001-21 is a member of the
HiperClockS™ family of high performance clock
solutions from ICS. The ICS810001-21 is a PLL
based synchronous clock generator that is
optimized for digital video clock jitter attenuation
and frequency translation. The device contains two internal
frequency multiplication stages that are cascaded in series.
The first stage is a VCXO PLL that is optimized to provide
reference clock jitter attenuation, and to support the complex
PLL multiplication ratios needed for video rate conversion.
The second stage is a FemtoClock frequency multiplier that
provides the low jitter, high frequency video output clock.
Preset multiplication ratios are selected from internal lookup
tables using device input selection pins. The multiplication ra-
tios are optimized to support most common video rates used in
professional video system applications. The VCXO requires
the use of an external, inexpensive pullable crystal. Two crys-
tal connections are provided (pin selectable) so that both 60
and 59.94 base frame rates can be supported. The VCXO re-
quires external passive loop filter components which are used
to set the PLL loop bandwidth and damping characteristics.
PIN ASSIGNMENT
HiPerClockS™
ICS
FEATURES
• Accepts various HD and SD references including hsync,
transport and pixel clock rates
• Outputs HD and SD pixel rates
• One LVCMOS/LVTTL PLL clock output
• Two selectable LVCMOS/LVTTL input clocks
• LVCMOS input select lines
• VCXO PLL bandwidth can be optimized for jitter attenuation
and reference tracking
• FemtoClock frequency multiplier provides low jitter, high
frequency output
• FemtoClock range: 560MHz - 700MHz
• RMS phase jitter @148.3516484MHz, using a
26.973027MHz crystal (12kHz - 20MHz): 0.81ps (typical)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
N0
N1
nBP1
OE
GND
Q
VDDO
VDDA
ICS810001-21
LF1
LF0
ISET
VDD
nBP0
GND
CLK_SEL
CLK1
32-Lead VFQFN
5mm x 5mm x 0.95 package body
K Package
Top View
OUTPUT RATES SUPPORTED:
)
z
H
M
(
y
c
n
e
u
q
e
r
Fn
o
i
t
a
c
i
l
p
p
A
z
H
M
7
26
5
6
R
I
C
C
,
1
0
6
R
-
U
T
I
,
t
r
o
p
s
n
a
r
T
G
E
P
M
z
H
M
7
2
0
3
7
9
.
6
21
0
0
1
/
0
0
0
1
x
z
H
M
7
2
z
H
M
5
2
.
4
70
6
/
M
2
9
2
E
T
P
M
S
z
H
M
8
1
4
2
8
5
7
1
.
4
74
9
.
9
5
/
M
2
9
2
E
T
P
M
S
z
H
M
5
.
8
4
1P
0
8
0
1
,
0
6
/
M
2
9
2
E
T
P
M
S
z
H
M
4
8
4
6
1
5
3
.
8
4
1P
0
8
0
1
,
4
9
.
9
5
/
M
2
9
2
E
T
P
M
S
z
H
M
6
3”
D
“
l
e
v
e
L
M
9
5
2
E
T
P
M
S
EXAMPLE FREQUENCY CONVERSIONS:
All nine combinations from / to:
27MHz
74.175MHz
74.25MHz
NTSC or PAL hsync to 27MHz
NTSC or PAL hsync to 4xFsc
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS10001B21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1002AI01L ICST-ICS1002AI01L Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2006
logo
RFE international
ICS1003 RFE-ICS1003 Datasheet
112Kb / 2P
SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
ICS1005 RFE-ICS1005 Datasheet
112Kb / 2P
SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
More results

Similar Description - ICS10001B21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
REV. A SEPTEMBER 2, 2005
ICS843002I-40 ICST-ICS843002I-40 Datasheet
275Kb / 21P
175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
REV. A JUNE 22, 2005
ICS843002I-41 ICST-ICS843002I-41 Datasheet
277Kb / 21P
700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
REV. A JUNE 1, 2005
logo
Integrated Device Techn...
ICS813078I IDT-ICS813078I Datasheet
3Mb / 26P
FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
FemtoClock™ Dual VCXO Video PLL
March 3, 2016
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
FemtoClock™ Dual VCXO Video PLL
8/14/15
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com