Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS10001B21 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS10001B21
Description  FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS10001B21 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS10001B21 Datasheet HTML 13Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 14Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 15Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 16Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 17Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 18Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 19Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 20Page - Integrated Circuit Systems ICS10001B21 Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
810001BK-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 12, 2005
18
Integrated
Circuit
Systems, Inc.
ICS810001-21
FEMTOCLOCKS™DUAL VCXO VIDEO PLL
PRELIMINARY
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS810001-21 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, VDDx, and
V
DDO should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 3 illustrates how
a 10
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
DDA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 3. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
NOTES ON SETTING CHARGE PUMP CURRENT
The recommended range for the charge pump current is 50
μA
to 300
μA. Below 50μA, loop filter charge leakage, due to PCB or
capacitor leakage, can become a problem.This loop filter leakage
can cause locking problems, output clock cycle slips, or low
frequency phase noise.
1E-3
100E-6
10E-6
1k
10k
100k
RSET, Ω
R
T
E
S
I
(
t
n
e
r
r
u
C
p
m
u
P
e
g
r
a
h
C
P
C )
k
6
.
7
1A
µ
5
.
2
6
k
8
.
8A
µ
5
2
1
k
4
.
4A
µ
0
5
2
k
2
.
2A
µ
0
0
5
FIGURE 2. CHARGE PUMP CURRENT VS. VALUE OF R
SET (
EXTERNAL RESISTOR
) GRAPH
As can be seen in the loop bandwidth and damping factor
equations or by using the filter response software available from
ICS, increasing charge pump current (I
CP) increases both
bandwidth and damping factor.
CHARGE PUMP CURRENT, EXAMPLE SETTINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com