Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2792 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 5Page - Maxim Integrated Products DS2792 Datasheet HTML 6Page - Maxim Integrated Products DS2792 Datasheet HTML 7Page - Maxim Integrated Products DS2792 Datasheet HTML 8Page - Maxim Integrated Products DS2792 Datasheet HTML 9Page - Maxim Integrated Products DS2792 Datasheet HTML 10Page - Maxim Integrated Products DS2792 Datasheet HTML 11Page - Maxim Integrated Products DS2792 Datasheet HTML 12Page - Maxim Integrated Products DS2792 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
9 of 40
The incorporation of EEPROM memory allows field upgrade of the firmware. EEPROM memory can be password
protected with a 16-word key, denying access to program memory by unauthorized individuals. ROM memory is
also available for high-volume, low-cost applications. Contact Dallas Semiconductor for more information on the
availability of ROM-based devices.
Figure 3. DS2792 Memory Map
16 × 16
STACK
AP
SYSTEM
REGISTERS
A
PFX
IP
SP
DPC
DP
00h
0Fh
8h
9h
Bh
Ch
Dh
Eh
Fh
PERIPHERAL
REGISTERS
M0
M1
M2
00h
1Fh
0h
1h
2h
4K × 16
USER PROGRAM
MEMORY
0000h
0FFFh
4K × 16
UTILITY ROM
8000h
8FFFh
PROGRAM
MEMORY SPACE
FFFFh
256 × 16
SRAM DATA
0000h
00FFh
11 × 16
ADC DATA
6000h
600Ah
DATA MEMORY
(WORD MODE)
FFFFh
64 × 16
EEPROM DATA
0100h
013Fh
512 × 8
SRAM DATA
0000h
01FFh
DATA MEMORY
(BYTE MODE)
FFFFh
128 × 8
EEPROM DATA
0200h
027Fh
4K × 16
UTILITY ROM
8000h
8FFFh
8K × 8
UTILITY ROM
8000h
9FFFh
Stack Memory
A 16-bit, 16-level internal stack provides storage for program return addresses and general-purpose use. The stack
is used automatically when the CALL, RET, and RETI instructions are executed and interrupts serviced. The stack
can also be used explicitly to store and retrieve data by using the PUSH, POP, and POPI instructions.
On reset, the stack pointer (SP) initializes to the top of the stack (0Fh). The CALL, PUSH, and interrupt-vectoring
operations increment SP, then store a value at the location pointed to by SP. The RET, RETI, POP, and POPI
operations retrieve the value pointed to by SP, and then decrement SP.
Utility ROM
The utility ROM is a 4k Word block of internal ROM memory that defaults to a starting address of 8000h. The utility
ROM consists of subroutines that can be called from application software. These include:
ƒ In-system programming (bootstrap loader) over JTAG or serial interfaces
ƒ In-circuit debug routines
ƒ Internal self-test routines
ƒ Callable routines for in-application EEPROM programming and SHA-1 calculations
Following any reset, execution begins in the utility ROM. The ROM software determines whether the program
execution should immediately jump to location 0000h, the start of application code, or to one of the special routines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com