Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2792 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 15Page - Maxim Integrated Products DS2792 Datasheet HTML 16Page - Maxim Integrated Products DS2792 Datasheet HTML 17Page - Maxim Integrated Products DS2792 Datasheet HTML 18Page - Maxim Integrated Products DS2792 Datasheet HTML 19Page - Maxim Integrated Products DS2792 Datasheet HTML 20Page - Maxim Integrated Products DS2792 Datasheet HTML 21Page - Maxim Integrated Products DS2792 Datasheet HTML 22Page - Maxim Integrated Products DS2792 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
19 of 40
Table 6. Peripheral Register Reset Values
REGISTER BIT NUMBER
REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PO
0
0
1
1
1
1
1
1
PPU
0
0
0
0
0
1
0
0
PAF
0
0
0
0
0
1
0
0
EIC
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
EINT
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CCCON
0
0
0
0
0
0
0
0
TC
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TTC
0
0
0
0
0
0
0
0
PI
s
s
s
s
s
s
s
s
ICDT0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ICDT1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ICDC
0
0
0
0
0
0
0
0
ICDF
0
0
0
0
0
0
0
0
ICDB
0
0
0
0
0
0
0
0
ICDA
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ICDD
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SINT
0
0
0
0
0
0
0
0
SMASK
0
0
0
0
0
0
0
0
SMD
0
0
0
0
0
0
0
0
SBUF
0
0
0
0
0
0
0
0
SCON
0
0
0
0
0
0
0
0
PR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SADEN
0
0
0
0
0
0
0
0
SADDR
0
0
0
0
0
0
0
0
BRE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Note: s indicates bit reflects pin state.
ON-CHIP REGULATOR
The DS2792 provides a regulated 3.3V output on the VB pin capable of supplying up to 2mA of current to external
circuitry. The regulated supply can be used to level shift the I/O lines and/or provide a reference voltage for the Vx
pin to measure a pack ID resistor or thermistor. The regulator output is always active regardless of the DS2792’s
mode of operation.
SYSTEM INTERRUPTS
Multiple interrupt sources are available for quick response to internal and external events. The MAXQ20
architecture uses a single interrupt vector (IV), single interrupt-service routine (ISR) design. For maximum flexibility,
interrupts can be enabled globally, individually, or by module. When an interrupt condition occurs, its individual flag
is set, even if the interrupt source is disabled at the local, module, or global level. Interrupt flags must be cleared
within the firmware-interrupt routine to avoid repeated interrupts from the same source. Application software must
ensure a delay between the write to the flag and the RETI instruction to allow time for the interrupt hardware to
remove the internal interrupt condition. Asynchronous interrupt flags require a one-instruction delay and
synchronous interrupt flags require a two-instruction delay.
When an enabled interrupt is detected, execution jumps to a user-programmable interrupt vector location. The IV
register defaults to 0000h on reset or power-up, so if it is not changed to a different address, application firmware
must determine whether a jump to 0000h came from a reset or interrupt source.
Once control has been transferred to the ISR, the interrupt identification register (IIR) can be used to determine if a
system register or peripheral register was the source of the interrupt. The specified module can then be
interrogated for the specific interrupt source and software can take appropriate action. Interrupts are evaluated by
application code allowing the definition of a unique interrupt priority scheme for each application. Interrupt sources
are available from the watchdog timer described in the MAXQ Users Guide, the SINT register described in the
UART Interrupts section, and the EINT register as shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com