Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2792 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 20Page - Maxim Integrated Products DS2792 Datasheet HTML 21Page - Maxim Integrated Products DS2792 Datasheet HTML 22Page - Maxim Integrated Products DS2792 Datasheet HTML 23Page - Maxim Integrated Products DS2792 Datasheet HTML 24Page - Maxim Integrated Products DS2792 Datasheet HTML 25Page - Maxim Integrated Products DS2792 Datasheet HTML 26Page - Maxim Integrated Products DS2792 Datasheet HTML 27Page - Maxim Integrated Products DS2792 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
24 of 40
SERIAL INTERFACE MODULE
The DS2792 supports a universal asynchronous receiver/transmitter (UART) module for serial communication with
framing error detection and automatic address recognition. The UART is initialized through a configuration register
(SMD). Communication is managed through a control register (SCON) and a transmit/receive register (SBUF). The
SBUF register location provides access to both transmit and receive registers, where a read is directed to the
receive buffer and a write is directed to the transmit buffer. SBUF allows the serial interface to receive an incoming
word before software has read the previous one provided SBUF is read before the stop bit of the next word is
recieved.
If the DS2792 detects a start bit of an incoming transmission while in SLEEP mode, the instruction clock will be
enabled to allow reception of data. Note that the instruction clock will not achieve accuracy tolerance required for
UART communication unless the analog oscillator is also active. All outgoing transmission must be completed, and
the RXD pin must be in the inactive logic state (see RXDi bit), before the DS2792 will transition back to SLEEP
mode.
Figure 10. Serial Interface Control Register (SCON)
FIELD
BIT
FORMAT
ALLOWABLE VALUES
FE/SM0
7
R/W
Serial Interface Mode Bit 0/Framing Error Flag
The operation of this bit depends on the state of the FEDE bit
of the SMD register. When FEDE is cleared to 0, this bit
functions as SM0 and controls the operating mode. See Serial
Interface Modes, Table 10.
When FEDE is set to 1, this bit functions as a framing error flag
and will automatically be set to 1 when the incoming stop bit
has been received as a logic 0. When used as FE, this flag
must be cleared to 0 by software.
SM1
6
R/W
Serial Interface Mode Bit 1
See Serial Interface Modes, Table 10
SM2
5
R/W
Serial Interface Mode Bit 2
Mode 1 operation:
0 = Normal operation
1 = RXI flag not set if incoming stop is logic 0
Modes 2 and 3 operation:
0 = Multiprocessor mode disabled
1 = Multiprocessor mode enabled
REN
4
R/W
Reciever Enable
0 = Reciever enabled
1 = Reciever disabled
TB8
3
R/W
Transmit Data Bit 8
When in mode 2 or 3, this bit determines the state of the ninth
transmitted data bit. This bit is not used in mode 1.
RB8
2
R/W
Received Data Bit 8
When in mode 2 or 3, this bit indicates the state of the incoming
ninth data bit. In mode 1, this bit indicates the state of the stop
bit.
TI
1
R/W
Transmit Interrupt Flag
Set to 1 at the end of the last data bit transmitted.
TI must be cleared by software.
RI
0
R/W
Recieve Interrupt Flag
Set to 1 at the end of the stop bit sampling window when in
mode 1. Set to 1 at the end of the sampling window of the ninth
data bit when in mode 2 or 3.
RI must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com