Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2792 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 30Page - Maxim Integrated Products DS2792 Datasheet HTML 31Page - Maxim Integrated Products DS2792 Datasheet HTML 32Page - Maxim Integrated Products DS2792 Datasheet HTML 33Page - Maxim Integrated Products DS2792 Datasheet HTML 34Page - Maxim Integrated Products DS2792 Datasheet HTML 35Page - Maxim Integrated Products DS2792 Datasheet HTML 36Page - Maxim Integrated Products DS2792 Datasheet HTML 37Page - Maxim Integrated Products DS2792 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
34 of 40
Current Measurement Bias
Systematic errors or an application preference can require the application of an arbitrary bias to the current
measurement process. The current measurement bias value sets a user-programmed positive or negative bias to
the current measurement. The current measurement bias value can be used to estimate battery currents that do
not flow through the sense resistor, estimate battery self-discharge, or correct for offset error in the current
registers. The user-programmed two’s complement value is added to the current register once per current sample.
The bias control is applied in 0.98
PV increments over a ±125PV range. When using a 15m: sense resistor, the
bias control can be adjusted in 65.3
PA increments over a ±8.33mA range. The current measurement bias bit field is
located in the upper byte of the ADC configuration register.
Figure 19. Current Measurement Bias Field
Upper Byte of Word Address 600Ah
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
“S”: sign bit
Units: 2
0 = 0.98
PV/RSNS
Current Accumulation
Current measurements are internally accumulated and displayed in the accumulated current register (ACR). The
accuracy of the ACR is dependent on both the current measurement and the accumulation time base. The 16-bit
ACR has a range of ±204.8mVh with a resolution of 6.25µVh. Accumulation of charge current above the maximum
register value is reported at the maximum value; conversely, accumulation of discharge current below the minimum
register value is reported at the minimum value. Read and write access is allowed to the ACR.
Figure 20. Accumulated Current Register Format
Word Address 6006h
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
“S”: sign bit(s)
Units: 2
0 = 6.25
PVh/RSNS
ACR RESOLUTION (1 LSB)
RSNS
|VSS - VSNS| / RSNS
25mŸ
20mŸ
15mŸ
10mŸ
6.25µVh
0.25mAh
0.312mAh
0.416mAh
0.625mAh
ACR ACCUMULATION RANGE
RSNS
|VSS - VSNS| / RSNS
25mŸ
20mŸ
15mŸ
10mŸ
±204.8mVh
±8.192Ah
±10.24Ah
±13.65Ah
±20.48Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com