Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2792 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 25Page - Maxim Integrated Products DS2792 Datasheet HTML 26Page - Maxim Integrated Products DS2792 Datasheet HTML 27Page - Maxim Integrated Products DS2792 Datasheet HTML 28Page - Maxim Integrated Products DS2792 Datasheet HTML 29Page - Maxim Integrated Products DS2792 Datasheet HTML 30Page - Maxim Integrated Products DS2792 Datasheet HTML 31Page - Maxim Integrated Products DS2792 Datasheet HTML 32Page - Maxim Integrated Products DS2792 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
29 of 40
Note that both the FE and the serial mode bit 0 (SM0) share the same bit location in the SCON register, but this
information is actually stored in different registers. The setting of FEDE in the SMD register determines which
register is accessed: logic 0 allows access to the SM0 bit and a logic 1 allows access to the FE bit. The FEDE must
be set to 1 while reading or writing the FE bit.
Multiprocessor Communication Mode
Multiprocessor communication mode makes special use of the 9th data bit in modes 2 and 3 if the SM2 bit of the
SCON register is set. If enabled, the 9th data bit is used to signify that the incoming byte is an address. This allows
the processor to be interrupted only if the correct address is received as defined by the serial address (SADDR)
and serial address enable (SADEN) registers. The receive interrupt, if enabled, will only occur when a recognized
address is received.
When multiprocessor mode is enabled and a serial word is received with the 9th bit set, the byte will be assumed to
be an address. The address will be compared to an internally stored address. If it matches, a receive interrupt will
occur. The internal address is derived from the SADDR and SADEN registers. The SADDR register specifies an
absolute address. This is the user specified address of the device. The SADEN register indicates which address
bit(s) will be used in the comparison. This allows broadcast transmissions that reach multiple microcontrollers or all
microcontrollers on the serial interface. The user defines this protocol.
Software will write an 8-bit address to the SADDR register. This is the microcontroller’s individual address. Any bit
in SADEN that contains logic 0 will cause the corresponding bit in SADDR to be ignored in comparison. Thus, logic
0 bits in SADEN create don’t care bit states for address comparisons. When an address is received, each address
bit that is not masked by a don’t care will be compared to the SADDR. The microcontroller will interrupt on any
address that matches this comparison. Any address that meets this comparison is called a given address. The
following example shows how one address can be directed to an individual processor or two out of three.
Micro 1
Micro 2
Micro 3
SADDR 11110000
SADDR 11110001
SADDR 11110010
SADEN 11111010
SADEN 11111001
SADEN 11111010
–––––––––––––––
–––––––––––––––
–––––––––––––––
Given
11110x0x
Given
11110xx1
Given
11110x1x
Note that an address of 11110000 reaches only microcontroller 1. An address of 11110001 reaches microcontroller
1 and microcontroller 2. An address of 11110010 reaches only microcontroller 3. The microcontroller also matches
on any address that corresponds to the broadcast address. This is the logical OR of the SADDR and SADEN
registers, with any 0s defined as don’t cares.
UART Interrupts
Interrupts generated by the serial interface are controlled through the serial interface interrupt register (SINT) and
the serial interface interrupt mask register (SMASK). Writing either the receive interrupt mask (MRI) bit or transmit
interrupt mask (MTI) bit to 1 will enable interrupts to occur whenever the corresponding transaction successfully
completes. Writing either of these bits to 0 disables the corresponding interrupt. The RINT, TINT bits of the SMASK
are a logical AND of the RI flag, TI flag bits of the control register, and the corresponding interrupt mask bits.
Upon successful reception of a data word on RXD, the RI flag of the SCON register will be set. If MRI is set to 1,
the RINT flag will be set and an interrupt will be generated. System software can then read the SINT register to
determine the source of the interrupt. The RINT flag and the interrupt are cleared by writing the RI flag to 0. After
transmission of a data word on TXD, the TI flag of the SCON register will be set. If MTI is set to 1, the TINT flag will
be set and an interrupt will be generated. System software can then read the SINT register to determine the source
of the interrupt. The TINT flag and the interrupt are cleared by writing the TI flag to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com