Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2792 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS2792
Description  Programmable Fuel Gauge with UART Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2792 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS2792 Datasheet HTML 17Page - Maxim Integrated Products DS2792 Datasheet HTML 18Page - Maxim Integrated Products DS2792 Datasheet HTML 19Page - Maxim Integrated Products DS2792 Datasheet HTML 20Page - Maxim Integrated Products DS2792 Datasheet HTML 21Page - Maxim Integrated Products DS2792 Datasheet HTML 22Page - Maxim Integrated Products DS2792 Datasheet HTML 23Page - Maxim Integrated Products DS2792 Datasheet HTML 24Page - Maxim Integrated Products DS2792 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DS2792 Programmable Fuel Gauge with UART Interface
21 of 40
I/O PORTS
The DS2792 includes a simple input/output (I/O) data port. From a software perspective, the port appears as a
group of special-function registers within module M0. The simple I/O port defined for this product is described
below:
ƒ CMOS input buffers
ƒ Four open-drain output drivers with selectable tri-state or weak pullups
ƒ Two selectable open-drain or push-pull output drivers with selectable tri-state
ƒ Support alternate functions and TAP controller interface signals
ƒ Two pins have interrupt capability
The port is accessed through five peripheral registers (PO, PI, PAF, PPU, and EIC) addressed either by byte or by
individual bit locations. The I/O port is designed to provide programming flexibility for the application. All individual
I/O pins are independently configured; and can be defined as an input, output, or alternate function. Table 7
summarizes the functionality of the I/O pins.
Table 7. I/O Port Pins
FUNCTIONS
CHARACTERISTICS
Primary
Alternate
TAP
*
Bidirectional
Weak Passive
Pulldown
Weak Active Pullup Strong Active Pullup
P0.0
INT0
TDI
*
Configurable, [In]
—
Configurable, [Off]
—
P0.1
INT1
TMS
*
Configurable, [In]
—
Configurable, [Off]
—
P0.2
RST*
—
Configurable, [In]
—
Configurable, [Off]
—
P0.3
—
TCK
*
Configurable, [In]
—
Configurable, [Off]
—
P0.4
—
TDO*
Configurable, [In]
—
—
Configurable, [Off]
P0.5
—
—
Configurable, [In]
—
—
Configurable, [Off]
TXD
—
—
Output
Configurable, [On]
Configurable, [Off]
—
RXD
—
—
Input
Configurable, [On]
Configurable, [Off]
—
Note: Reset values are denoted with an * and by [ ].
PI Register: The PI register is a read-only input of the I/O pins. When the register is read, the logic level of each
pin is reported in the corresponding bit locations. Reading a logic-low or high on a pin does not change the output
drive on that pin.
PO Register: The PO register controls the output state of the I/O pins. Data written to this register determines the
pin output drive. When a bit is written to a “0” (cleared), the n-channel output drive transistor is enabled, and the
pullup is disabled. When bit is written to a “1” (set), the n-channel output drive transistor is disabled, and the pullup
enabled (if so configured). The PO bits are set asynchronously during power-on reset to disable the N-channel
output drive. PO bits are not altered in SLEEP mode, however drive to the n-channel is disabled.
PPU Register: The PPU register contains independent bits that define each pin as high impedance or pulled up
when its n-channel output drive transistor is disabled. P0.0 through P0.3 have weak pullups, P0.4 and P0.5 have
strong pullups. When the output is disabled and the PPU bit is cleared, the pin is high impedance. When the output
is disabled and the PPU bit is set, the pin’s weak or strong pullup is enabled. When the PPU bit is set and the
device enters STOP mode, the weak pullup remains enabled.
PAF Register: The PAF register enables or disables the alternate functions of P0.0–P0.2. When a pin’s PAF bit is
cleared, the pin is controlled by the PI, PO, PPU, and EIC registers. When the PAF bit is set, the pin operates in it’s
alternate function mode. The
RST function of P0.2 can be disabled by writing the RSTD bit to 1.
EIC Register: The lower six bits of the EIC register are the port interrupt control bits. The port interrupt control bits
are used to enable and configure detection of external interrupts. Interrupt enable bits, PIE.0 and PIE.1, enable
detection of an interrupt on pins P0.0 and P0.1, respectively. Interrupt type bits, PIT.0 and PIT.1, define the type
(level or edge) of interrupt on pins P0.0 and P0.1, respectively. Interrupt polarity bits, PIP.0 and PIP.1, determine
the interrupt polarity on pins P0.0 and P0.1, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com