Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 141 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 137Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 138Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 139Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 140Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 141Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 142Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 143Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 144Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
141
6
Package Information and Contact Assignments
This section includes the contact assignment information and mechanical package drawing.
6.1
Signal Naming Convention
The signal names of the i.MX6 series of products are standardized to align the signal names within the
family and across the documentation. Benefits of this standardization are as follows:
•
Signal names are unique within the scope of an SoC and within the series of products
•
Searches will return all occurrences of the named signal
•
Signal names are consistent between i.MX 6 series products implementing the same modules
•
The module instance is incorporated into the signal name
This standardization applies only to signal names. The ball names are preserved to prevent the need to
change schematics, BSDL models, IBIS models, and so on.
Throughout this document, the signal names are used except where referenced as a ball name (such as the
Functional Contact Assignments table, Ball Map table, and so on). A master list of signal names is in the
document, IMX 6 Series Standardized Signal Name Map (EB792). This list can be used to map the signal
names used in older documentation to the standardized naming conventions.
6.2
21 x 21 mm Package Information
6.2.1
Case FCPBGA, 21 x 21 mm, 0.8 mm Pitch, 25 x 25 Ball Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com