Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 144 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 140Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 141Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 142Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 143Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 144Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 145Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 146Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
144
NXP Semiconductors
Package Information and Contact Assignments
6.2.2
21 x 21 mm Ground, Power, Sense, and Reference Contact
Assignments
Table 95 shows the device connection list for ground, power, sense, and reference contact signals.
Table 95. 21 x 21 mm Supplies Contact Assignment
Supply Rail Name
Ball(s) Position(s)
Remark
CSI_REXT
D4
—
DRAM_VREF
AC2
—
DSI_REXT
G4
—
FA_ANA
A5
—
GND
A13, A25, A4, A8, AA10, AA13, AA16, AA19, AA22, AD4, D3,
F8, J15, L10, M15, P15, T15, U8, W17, AA7, AD7, D6, G10,
J18, L12, M18, P18, T17, V19, W18, AB24, AE1, D8, G19, J2,
L15, M8, P8, T19, V8, W19, AB3, AE25, E5, G3, J8, L18, N10,
R12, T8, W10, W3, AD10, B4, E6, H12, K10, L2, N15, R15,
U11, W11, W7, AD13, C1, E7, H15, K12, L5, N18, R17, U12,
W12, W8, AD16, C10, F5, H18, K15, L8, N8, R8, U15, W13,
W9, AD19, C4, F6, H8, K18, M10, P10, T11, U17, W15, Y24,
AD22, C6, F7, J12, K8, M12, P12, T12, U19, W16, Y5
—
GPANAIO
C8
Analog output for NXP use only. This
output must remain unconnected
HDMI_DDCCEC
K2
Analog ground reference for the Hot
Plug detect signal
HDMI_REF
J1
—
HDMI_VP
L7
—
HDMI_VPH
M7
—
NVCC_CSI
N7
Supply of the camera sensor interface
NVCC_DRAM
R18, T18, U18, V10, V11, V12, V13,
V14, V15, V16, V17, V18, V9
Supply of the DDR interface
NVCC_EIM0
K19
Supply of the EIM interface
NVCC_EIM1
L19
Supply of the EIM interface
NVCC_EIM2
M19
Supply of the EIM interface
NVCC_ENET
R19
Supply of the ENET interface
NVCC_GPIO
P7
Supply of the GPIO interface
NVCC_JTAG
J7
Supply of the JTAG tap controller
interface
NVCC_LCD
P19
Supply of the LCD interface
NVCC_LVDS2P5
V7
Supply of the LVDS display interface
and DDR pre-drivers. Even if the LVDS
interface is not used, this supply must
remain powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com