Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 146 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 146 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 142Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 143Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 144Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 145Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 146Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 150Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
146
NXP Semiconductors
Package Information and Contact Assignments
6.2.3
21 x 21 mm Functional Contact Assignments
Table 96 displays an alpha-sorted list of the signal assignments including power rails. The table also
includes out of reset pad state.
VDDHIGH_CAP
H10, J10
Secondary supply for the 2.5 V domain
(internal regulator output—requires
capacitor if internal regulator is used)
VDDHIGH_IN
H9, J9
Primary supply for the 2.5 V regulator
VDDPU_CAP
H17, J17, K17, L17, M17, N17, P17
Secondary supply for the VPU and
GPU (internal regulator output—
requires capacitor if internal regulator
is used)
VDDSOC_CAP
R10, T10, T13, T14, U10, U13, U14
Secondary supply for the SoC and PU
(internal regulator output—requires
capacitor if internal regulator is used)
VDDSOC_IN
H16, J16, K16, L16, M16, N16, P16, R16, T16, U16
Primary supply for the SoC and PU
regulators
VDDUSB_CAP
F9
Secondary supply for the 3 V domain
(internal regulator output—requires
capacitor if internal regulator is used)
ZQPAD
AE17
Connect ZQPAD to an external 240
Ω
1% resistor to GND. This is a reference
used during DRAM output buffer driver
calibration.
Table 96. 21 x 21 mm Functional Contact Assignments
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2
BOOT_MODE0
C12
VDD_SNVS_IN
GPIO
ALT0
SRC_BOOT_MODE0
Input
PD (100K)
BOOT_MODE1
F12
VDD_SNVS_IN
GPIO
ALT0
SRC_BOOT_MODE1
Input
PD (100K)
CLK1_N
C7
VDD_HIGH_CAP
—
—
CLK1_N
—
—
CLK1_P
D7
VDD_HIGH_CAP
—
—
CLK1_P
—
—
CLK2_N
C5
VDD_HIGH_CAP
—
—
CLK2_N
—
—
CLK2_P
D5
VDD_HIGH_CAP
—
—
CLK2_P
—
—
CSI_CLK0M
F4
NVCC_MIPI
—
—
CSI_CLK_N
—
—
CSI_CLK0P
F3
NVCC_MIPI
—
—
CSI_CLK_P
—
—
CSI_D0M
E4
NVCC_MIPI
—
—
CSI_DATA0_N
—
—
CSI_D0P
E3
NVCC_MIPI
—
—
CSI_DATA0_P
—
—
CSI_D1M
D1
NVCC_MIPI
—
—
CSI_DATA1_N
—
—
Table 95. 21 x 21 mm Supplies Contact Assignment (continued)
Supply Rail Name
Ball(s) Position(s)
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com