Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 149 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 145Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 146Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
149
DRAM_CS1
AD17
NVCC_DRAM
DDR
ALT0
DRAM_CS1_B
Output
0
DRAM_D0
AD2
NVCC_DRAM
DDR
ALT0
DRAM_DATA00
Input
PU (100K)
DRAM_D1
AE2
NVCC_DRAM
DDR
ALT0
DRAM_DATA01
Input
PU (100K)
DRAM_D10
AA6
NVCC_DRAM
DDR
ALT0
DRAM_DATA10
Input
PU (100K)
DRAM_D11
AE7
NVCC_DRAM
DDR
ALT0
DRAM_DATA11
Input
PU (100K)
DRAM_D12
AB5
NVCC_DRAM
DDR
ALT0
DRAM_DATA12
Input
PU (100K)
DRAM_D13
AC5
NVCC_DRAM
DDR
ALT0
DRAM_DATA13
Input
PU (100K)
DRAM_D14
AB6
NVCC_DRAM
DDR
ALT0
DRAM_DATA14
Input
PU (100K)
DRAM_D15
AC7
NVCC_DRAM
DDR
ALT0
DRAM_DATA15
Input
PU (100K)
DRAM_D16
AB7
NVCC_DRAM
DDR
ALT0
DRAM_DATA16
Input
PU (100K)
DRAM_D17
AA8
NVCC_DRAM
DDR
ALT0
DRAM_DATA17
Input
PU (100K)
DRAM_D18
AB9
NVCC_DRAM
DDR
ALT0
DRAM_DATA18
Input
PU (100K)
DRAM_D19
Y9
NVCC_DRAM
DDR
ALT0
DRAM_DATA19
Input
PU (100K)
DRAM_D2
AC4
NVCC_DRAM
DDR
ALT0
DRAM_DATA02
Input
PU (100K)
DRAM_D20
Y7
NVCC_DRAM
DDR
ALT0
DRAM_DATA20
Input
PU (100K)
DRAM_D21
Y8
NVCC_DRAM
DDR
ALT0
DRAM_DATA21
Input
PU (100K)
DRAM_D22
AC8
NVCC_DRAM
DDR
ALT0
DRAM_DATA22
Input
PU (100K)
DRAM_D23
AA9
NVCC_DRAM
DDR
ALT0
DRAM_DATA23
Input
PU (100K)
DRAM_D24
AE9
NVCC_DRAM
DDR
ALT0
DRAM_DATA24
Input
PU (100K)
DRAM_D25
Y10
NVCC_DRAM
DDR
ALT0
DRAM_DATA25
Input
PU (100K)
DRAM_D26
AE11
NVCC_DRAM
DDR
ALT0
DRAM_DATA26
Input
PU (100K)
DRAM_D27
AB11
NVCC_DRAM
DDR
ALT0
DRAM_DATA27
Input
PU (100K)
DRAM_D28
AC9
NVCC_DRAM
DDR
ALT0
DRAM_DATA28
Input
PU (100K)
DRAM_D29
AD9
NVCC_DRAM
DDR
ALT0
DRAM_DATA29
Input
PU (100K)
DRAM_D3
AA5
NVCC_DRAM
DDR
ALT0
DRAM_DATA03
Input
PU (100K)
DRAM_D30
AD11
NVCC_DRAM
DDR
ALT0
DRAM_DATA30
Input
PU (100K)
DRAM_D31
AC11
NVCC_DRAM
DDR
ALT0
DRAM_DATA31
Input
PU (100K)
DRAM_D32
AA17
NVCC_DRAM
DDR
ALT0
DRAM_DATA32
Input
PU (100K)
DRAM_D33
AA18
NVCC_DRAM
DDR
ALT0
DRAM_DATA33
Input
PU (100K)
DRAM_D34
AC18
NVCC_DRAM
DDR
ALT0
DRAM_DATA34
Input
PU (100K)
DRAM_D35
AE19
NVCC_DRAM
DDR
ALT0
DRAM_DATA35
Input
PU (100K)
DRAM_D36
Y17
NVCC_DRAM
DDR
ALT0
DRAM_DATA36
Input
PU (100K)
DRAM_D37
Y18
NVCC_DRAM
DDR
ALT0
DRAM_DATA37
Input
PU (100K)
DRAM_D38
AB19
NVCC_DRAM
DDR
ALT0
DRAM_DATA38
Input
PU (100K)
DRAM_D39
AC19
NVCC_DRAM
DDR
ALT0
DRAM_DATA39
Input
PU (100K)
DRAM_D4
AC1
NVCC_DRAM
DDR
ALT0
DRAM_DATA04
Input
PU (100K)
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com