Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 110 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 108Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 109Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 110Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 113Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
110
NXP Semiconductors
Electrical Characteristics
4.12.12.3 HS Line Driver Characteristics
Figure 67. Ideal Single-ended and Resulting Differential HS Signals
4.12.12.4 Possible
ΔVCMTX and ΔVOD Distortions of the Single-ended HS Signals
Figure 68. Possible
ΔVCMTX and ΔVOD Distortions of the Single-ended HS Signals
4.12.12.5 D-PHY Switching Characteristics
Table 69. Electrical and Timing Information
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
HS Line Drivers AC Specifications
—
Maximum serial data rate (forward
direction)
On DATAP/N outputs.
80
Ω <= RL <= 125 Ω
80
—
1000
Mbps
FDDRCLK
DDR CLK frequency
On DATAP/N outputs.
40
—
500
MHz
PDDRCLK
DDR CLK period
80
Ω <= RL< = 125 Ω
2
—
25
ns
VOD(1)
VOD(1)
VOD(0)
VOD(0)
VOD = VDP - VDN
VCMTX = (VDP + VDN)/2
0V
(Differential)
VDN
VDP
Ideal Single-Ended High Speed Signals
Ideal Differential High Speed Signals
VOD(0)
VOD(1)
VOD/2
VOD/2
VOD (SE HS Signals)
Static VCMTX (SE HS Signals)
Dynamic VCMTX (SE HS Signals)
VDN
VCMTX
VDP
VDN
VCMTX
VDP
VDN
VCMTX
VDP
VOD(0)
Δ
Δ
Δ
Δ
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com