Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 111 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 108Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 109Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 110Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 113Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 114Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
111
tCDC
DDR CLK duty cycle
tCDC = tCPH / PDDRCLK
—50
—
%
tCPH
DDR CLK high time
—
—
1
—
UI
tCPL
DDR CLK low time
—
—
1
—
UI
—
DDR CLK / DATA Jitter
—
—
75
—
ps pk-pk
tSKEW[PN]
Intra-Pair (Pulse) skew
—
—
0.075
—
UI
tSKEW[TX]
Data to Clock Skew
—
0.350
—
0.650
UI
tr
Differential output signal rise time
20% to 80%, RL = 50
Ω
150
—
0.3UI
ps
tf
Differential output signal fall time
20% to 80%, RL = 50
Ω
150
—
0.3UI
ps
ΔVCMTX(HF)
Common level variation above 450 MHz 80
Ω<= RL< = 125 Ω
——
15
mVrms
ΔVCMTX(LF)
Common level variation between 50
MHz and 450 MHz
80
Ω<= RL< = 125 Ω
——
25
mVp
LP Line Drivers AC Specifications
trlp,tflp
Single ended output rise/fall time
15% to 85%, CL<70 pF
—
—
25
ns
treo
—
30% to 85%, CL<70 pF
—
—
35
ns
δV/δt
SR
Signal slew rate
15% to 85%, CL<70 pF
—
—
120
mV/ns
CL
Load capacitance
—
0
—
70
pF
HS Line Receiver AC Specifications
tSETUP[RX]
Data to Clock Receiver Setup time
—
0.15
—
—
UI
tHOLD[RX]
Clock to Data Receiver Hold time
—
0.15
—
—
UI
ΔVCMRX(HF)
Common mode interference beyond
450 MHz
—
—
—
200
mVpp
ΔVCMRX(LF)
Common mode interference between
50 MHz and 450 MHz
—-50
—
50
mVpp
CCM
Common mode termination
—
—
—
60
pF
LP Line Receiver AC Specifications
eSPIKE
Input pulse rejection
—
—
—
300
Vps
TMIN
Minimum pulse response
—
50
—
—
ns
VINT
Pk-to-Pk interference voltage
—
—
—
400
mV
fINT
Interference frequency
—
450
—
—
MHz
Model Parameters used for Driver Load switching performance evaluation
CPAD
Equivalent Single ended I/O PAD
capacitance.
——
—
1
pF
CPIN
Equivalent Single ended Package +
PCB capacitance.
——
—
2
pF
Table 69. Electrical and Timing Information (continued)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com