Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 115 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 113Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 114Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 115Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 117Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 118Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
115
4.12.13.6 Frame Transmission Mode (Synchronized Data Flow)
Figure 78. Frame Transmission Mode Transfer of Two Frames (Synchronized Data Flow)
4.12.13.7 Frame Transmission Mode (Pipelined Data Flow)
Figure 79. Frame Transmission Mode Transfer of Two Frames (Pipelined Data Flow)
4.12.13.8 DATA and FLAG Signal Timing Requirement for a 15 pF Load
Table 70. DATA and FLAG Timing
Parameter
Description
1 Mbit/s 100 Mbit/s
tBit, nom
Nominal bit time
1000 ns
10 ns
tRise, min and tFall, min Minimum allowed rise and fall time
2 ns
2 ns
tTxToRxSkew, maxfq
Maximum skew between transmitter and receiver package pins
50 ns
0.5 ns
tEageSepTx, min
Minimum allowed separation of signal transitions at transmitter package pins,
including all timing defects, for example, jitter and skew, inside the transmitter.
400 ns
4 ns
tEageSepRx, min
Minimum separation of signal transitions, measured at the receiver package pins,
including all timing defects, for example, jitter and skew, inside the receiver.
350 ns
3.5 ns
Complete N-bits Frame
Complete N-bits Frame
DATA
FLAG
READY
Channel
Description
bits
Payload Data Bits
Frame
start bit
Complete N-bits Frame
Complete N-bits Frame
DATA
FLAG
READY
Channel
Description
bits
Payload Data Bits
Frame
start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com