Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7EVT2AB Datasheet(PDF) 116 Page - NXP Semiconductors

Part # SCIMX6DP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7EVT2AB Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button SCIMX6DP7EVT2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 113Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 114Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 115Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 117Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 118Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 119Page - NXP Semiconductors SCIMX6DP7EVT2AB Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
116
NXP Semiconductors
Electrical Characteristics
4.12.13.9 DATA and FLAG Signal Timing
Figure 80. DATA and FLAG Signal Timing
4.12.14 MediaLB (MLB) Characteristics
4.12.14.1 MediaLB (MLB) DC Characteristics
Table 71 lists the MediaLB 3-pin interface electrical characteristics.
Table 72 lists the MediaLB 6-pin interface electrical characteristics.
Table 71. MediaLB 3-Pin Interface Electrical DC Specifications
Parameter
Symbol
Test Conditions
Min
Max
Unit
Maximum input voltage
—
—
—
3.6
V
Low level input threshold
VIL
——
0.7
V
High level input threshold
VIH
See Note1
1 Higher V
IH thresholds can be used; however, the risks associated with less noise margin in the system must be
evaluated and assumed by the customer.
1.8
—
V
Low level output threshold
VOL
IOL = 6 mA
—
0.4
V
High level output threshold
VOH
IOH = –6 mA
2.0
—
V
Input leakage current
IL
0 < Vin < VDD
—
±10
μA
Table 72. MediaLB 6-Pin Interface Electrical DC Specifications
Parameter
Symbol
Test Conditions
Min
Max
Unit
Driver Characteristics
Differential output voltage (steady-state):
I VO+ - VO- I
VOD
See Note1
300
500
mV
Difference in differential output voltage
between (high/low) steady-states:
I VOD, high - VOD, low I
ΔVOD
—
-50
50
mV
DATA
(TX)
FLAG
(TX)
DATA
(RX)
FLAG
(RX)
50%
50%
50%
50%
50%
50%
80%
80%
20%
20%
20%
20%
80%
80%
t
EdgeSepTx
t
TxToRxSkew
t
EdgeSepRx
t
Bit
t
Rise
t
Fall
Note1
Note1
Note2
Note2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com