Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2640 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 15Page - Microchip Technology USB2640 Datasheet HTML 16Page - Microchip Technology USB2640 Datasheet HTML 17Page - Microchip Technology USB2640 Datasheet HTML 18Page - Microchip Technology USB2640 Datasheet HTML 19Page - Microchip Technology USB2640 Datasheet HTML 20Page - Microchip Technology USB2640 Datasheet HTML 21Page - Microchip Technology USB2640 Datasheet HTML 22Page - Microchip Technology USB2640 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 19
USB2640/USB2641
6.3.2
PORT POWER CONTROL USING A POLY FUSE
When using the USB2640/USB2641 with a poly fuse, an external diode must be used (See Figure 6-2). When disabling
port power, the USB2640/USB2641 will drive a '0'. This procedure will have no effect since the external diode will isolate
the pin from the load. When port power is enabled, the USB2640/USB2641 output driver is disabled, and the pull-up
resistor is enabled which creates an open drain output. The open drain output condition means that the pull-up resistor
is providing 3.3 volts to the anode of the diode. If there is an over-current situation, the poly fuse will open causing the
cathode of the diode to go to 0 volts. The anode of the diode will be at 0.7 volt, and the Schmitt trigger input will register
this as a low resulting in an over-current detection. The open drain output does not interfere.
FIGURE 6-1:
PORT POWER CONTROL WITH USB POWER SWITCH
USB2640/
USB2641
USB Power
Switch
5V
USB
Device
PRTCTL3
EN
OCS
USB Power
Switch
5V
USB
Device
PRTCTL2
EN
OCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com