Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2640 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 36Page - Microchip Technology USB2640 Datasheet HTML 37Page - Microchip Technology USB2640 Datasheet HTML 38Page - Microchip Technology USB2640 Datasheet HTML 39Page - Microchip Technology USB2640 Datasheet HTML 40Page - Microchip Technology USB2640 Datasheet HTML 41Page - Microchip Technology USB2640 Datasheet HTML 42Page - Microchip Technology USB2640 Datasheet HTML 43Page - Microchip Technology USB2640 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
USB2640/USB2641
DS00001947C-page 40
 2015-2021 Microchip Technology Inc.
7.3.5.22
F3h: Port Map 3
7.3.5.23
F4h-FBh: Reserved
7.3.5.24
FCh-FFh: Non-volatile Storage Signature
Bit
Byte Name
Description
7:0
PRTM3
Port map register for port 3.
When a hub is enumerated by a USB Host Controller, the hub is only
permitted to report how many ports it has; the hub is not permitted to select
a numerical range or assignment. The Host Controller will number the
downstream ports of the hub starting with the number '1', up to the number of
ports that the hub reported having.
The host's port number is referred to as "logical port number" and the physical
port on the hub is the “physical port number". When remapping mode is
enabled (see PRTMAP_EN in Register 08h: Configuration Data Byte 3) the
hub's downstream port numbers can be remapped to different logical port
numbers (assigned by the host).
Note:
OEM must ensure that contiguous logical port numbers are used,
starting from number ‘1’ up to the maximum number of enabled
ports; this ensures that the hub's ports are numbered in accordance
with the way a host will communicate with the ports.
Byte
Byte Name
Description
7:0
Reserved
Reserved.
Byte
Byte Name
String
Description
3:0
NVSTORE_SIG
“ATA2”
This signature is used to verify the validity of the data
in the configuration area. The signature must be set to
‘ATA2’ for USB2640/USB2641.
TABLE 7-5:
PORT MAP REGISTER FOR PORT 3
Bit [7:4]
‘0000’
Reserved
‘0001’
Reserved
‘0010’
Reserved
‘0011’
Reserved
‘0100’
to
‘1111’
Illegal; Do Not Use
Bit [3:0]
‘0000’
Physical Port 3 is Disabled
‘0001’
Physical Port 3 is mapped to Logical Port 1
‘0010’
Physical Port 3 is mapped to Logical Port 2
‘0011’
Physical Port 3 is mapped to Logical Port 3
‘0100’
to
‘1111’
Illegal; Do Not Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com