Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2640 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 32Page - Microchip Technology USB2640 Datasheet HTML 33Page - Microchip Technology USB2640 Datasheet HTML 34Page - Microchip Technology USB2640 Datasheet HTML 35Page - Microchip Technology USB2640 Datasheet HTML 36Page - Microchip Technology USB2640 Datasheet HTML 37Page - Microchip Technology USB2640 Datasheet HTML 38Page - Microchip Technology USB2640 Datasheet HTML 39Page - Microchip Technology USB2640 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
USB2640/USB2641
DS00001947C-page 36
 2015-2021 Microchip Technology Inc.
7.3.5.11
E8h: Port Disable For Self-Powered Operation
7.3.5.12
E9h: Port Disable For Bus-Powered Operation
7.3.5.13
EAh: Max Power For Self-Powered Operation
Bit
Byte Name
Description
7:0
PORT_DIS_SP
Disables 1 or more ports.
‘0’ = Port is available
‘1’ = Port is disabled
During self-powered operation
this register selects the ports which will be
permanently disabled. The ports are unavailable to be enabled or enumerated
by a Host Controller. The ports can be disabled in any order since the internal
logic will automatically report the correct number of enabled ports to the USB
host and will reorder the active ports in order to ensure proper function.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Controls physical port 3
Bit 2= Controls physical port 2
Bit 1= Controls physical port 1
Bit 0= Reserved, always = ‘0’
Bit
Byte Name
Description
7:0
PORT_DIS_BP
Disables 1 or more ports.
‘0’ = Port is available
‘1’ = Port is disabled
During self-powered operation
, this register selects the ports which will be
permanently disabled. The ports are unavailable to be enabled or enumerated
by a Host Controller. The ports can be disabled in any order, the internal logic
will automatically report the correct number of enabled ports to the USB host
and will reorder the active ports in order to ensure proper function.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Controls physical port 3
Bit 2= Controls physical port 2
Bit 1= Controls physical port 1
Bit 0 is Reserved, always = ‘0’
Bit
Byte Name
Description
7:0
MAX_PWR_SP
Max Power Self_Powered: Value in 2 mA increments that the hub consumes
from an upstream port (VBUS) when operating as a self-powered hub. This
value includes the hub silicon along with the combined power consumption
(from VBUS) of all associated circuitry on the board. This value also includes
the power consumption of a permanently attached peripheral if the hub is
configured as a Compound Device, and the embedded peripheral reports 0
mA in its descriptors.
Note:
The USB 2.0 Specification does not permit this value to exceed 100
mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com