Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2640 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 29Page - Microchip Technology USB2640 Datasheet HTML 30Page - Microchip Technology USB2640 Datasheet HTML 31Page - Microchip Technology USB2640 Datasheet HTML 32Page - Microchip Technology USB2640 Datasheet HTML 33Page - Microchip Technology USB2640 Datasheet HTML 34Page - Microchip Technology USB2640 Datasheet HTML 35Page - Microchip Technology USB2640 Datasheet HTML 36Page - Microchip Technology USB2640 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 33
USB2640/USB2641
7.3.5.2
DFh: Vendor ID (MSB)
7.3.5.3
E0h: Product ID (LSB)
7.3.5.4
E1h: Product ID (MSB)
7.3.5.5
E2h: Device ID (LSB)
7.3.5.6
E3h: Device ID (MSB)
7.3.5.7
E4h: Configuration Data Byte 1 (CFG_DAT_BYT1)
Bit
Byte Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB Implementer’s
Forum).
Bit
Name
Description
7:0
PID_LSB
Least Significant Byte of the Product ID. This is a 16-bit value that the vendor
can assign that uniquely identifies this particular product.
Bit
Name
Description
7:0
PID_MSB
Most Significant Byte of the Product ID. This is a 16-bit value that the vendor
can assign that uniquely identifies this particular product.
Bit
Name
Description
7:0
DID_LSB
Least Significant Byte of the Device ID. This is a 16-bit device release number
in BCD (binary coded decimal) format.
Bit
Name
Description
7:0
DID_MSB
Most Significant Byte of the Device ID. This is a 16-bit device release number
in binary coded decimal (BCD) format.
Bit
Name
Description
7
SELF_BUS_PWR
Self- or Bus-Power: Selects between self- and bus-powered operation.
The hub is either self-powered (draws less than 2 mA of upstream bus power)
or bus-powered (limited to a 100 mA maximum of upstream power prior to
being configured by the host controller).
When configured as a bus-powered device, the Microchip hub consumes less
than 100 mA of current prior to being configured. After configuration, the bus-
powered Microchip hub (along with all associated hub circuitry, any embedded
devices if part of a Compound Device, and 100 mA per externally available
downstream port) must consume no more than 500 mA of upstream VBUS
current. The current consumption is system dependent, and the OEM must
ensure that the USB 2.0 Specification is not violated.
When configured as a self-powered device, <1 mA of upstream VBUS current
is consumed and all ports are available, with each port being capable of
sourcing 500 mA of current.
‘0’ = Bus-powered operation
‘1’ = Self-powered operation
6
Reserved
Always reads ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com