Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2640 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 30Page - Microchip Technology USB2640 Datasheet HTML 31Page - Microchip Technology USB2640 Datasheet HTML 32Page - Microchip Technology USB2640 Datasheet HTML 33Page - Microchip Technology USB2640 Datasheet HTML 34Page - Microchip Technology USB2640 Datasheet HTML 35Page - Microchip Technology USB2640 Datasheet HTML 36Page - Microchip Technology USB2640 Datasheet HTML 37Page - Microchip Technology USB2640 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
USB2640/USB2641
DS00001947C-page 34
 2015-2021 Microchip Technology Inc.
7.3.5.8
E5h: Configuration Data Byte 2 (CFG_DAT_BYT2)
5
HS_DISABLE
Hi-Speed Disable: Disables the capability to attach as either a Hi-/Full-Speed
device, and forces attachment as Full-Speed only (i.e. no Hi-Speed support).
‘0’ = Hi-/Full-Speed
‘1’ = Full-Speed-Only (Hi-Speed disabled!)
4
Reserved
Always reads ‘0’.
3
EOP_DISABLE
EOP Disable: Disables EOP generation of EOF1 when in Full-Speed mode.
During FS operation only, this permits the hub to send EOP if no downstream
traffic is detected at EOF1. See Section 11.3.1 of the USB 2.0 Specification
for additional details. Note: generation of an EOP at the EOF1 point may
prevent a Host Controller (operating in FS mode) from placing the USB bus
in suspend.
‘0’ = An EOP is generated at the EOF1 point if no traffic is detected.
‘1’ = EOP generation at EOF1 is disabled (Note: This is normal USB
operation).
Note:
This is a rarely used feature in the PC environment, existing drivers
may not have been thoroughly debugged with this feature enabled.
It is included because it is a permitted feature in Chapter 11 of the
USB 2.0 Specification.
2:1
CURRENT_SNS
Over-Current Sense: Selects current sensing on a port-by-port basis, all ports
ganged, or none (only for bus-powered hubs). The ability to support current
sensing on a port or ganged basis is dependent upon the hardware
implementation.
‘00’ = Ganged sensing (all ports together)
‘01’ = Individual port-by-port
‘1x’ = Over-current sensing not supported (must only be used with bus-
powered configurations!)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port- by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is dependent upon the hardware implementation.
‘0’ = Ganged switching (all ports together)
‘1’ = Individual port-by-port switching
Bit
Name
Description
7:6
Reserved
Always reads ‘0’.
5:4
OC_TIMER
OverCurrent Timer: Over-current Timer delay.
00 = 50 ns
01 = 100 ns
10 = 200 ns
11 = 400 ns
3
COMPOUND
Compound Device: Allows OEM to indicate that the hub is part of a compound
(see the USB 2.0 Specification for definition) device. The applicable port(s)
must also be defined as having a "non-removable device".
When configured via strapping options, declaring a port as non-removable
automatically causes the hub controller to report that it is part of a Compound
Device.
‘0’ = No
‘1’ = Yes, the hub is part of a Compound Device
2:0
Always reads ‘0’.
Always reads ‘0’.
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com