Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2640 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 17Page - Microchip Technology USB2640 Datasheet HTML 18Page - Microchip Technology USB2640 Datasheet HTML 19Page - Microchip Technology USB2640 Datasheet HTML 20Page - Microchip Technology USB2640 Datasheet HTML 21Page - Microchip Technology USB2640 Datasheet HTML 22Page - Microchip Technology USB2640 Datasheet HTML 23Page - Microchip Technology USB2640 Datasheet HTML 24Page - Microchip Technology USB2640 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 21
USB2640/USB2641
6.4
ROM BOOT Sequence
After power-on reset, the internal firmware checks for an external SPI flash device that contains a valid signature of
"2DFU" (device firmware upgrade) beginning at address 0xFFFA. If a valid signature is found, then the external ROM
is enabled and code execution begins at address 0x0000 in the external SPI device. Otherwise, code execution contin-
ues from the internal ROM.
If there is no SPI ROM detected, the internal firmware then checks for the presence of an I2C ROM. The firmware looks
for the signature ‘ATA2’ at the offset of 0xFC-0xFF in the I2C ROM. The firmware reads in the I2C ROM to configure the
hardware and software internally. Please refer to section Section 7.3.2, "EEPROM Data Descriptor," on page 24 for the
details of the configuration options.
The SPI ROM required for the USB2640/USB2641 must be 1 Mbit and support either 30 MHz or 60 MHz. The frequency
used is set using the SPI_SPD_SEL. For 30 MHz operation, this pin must be pulled to ground through a 100 k
 resistor.
For 60 MHz operation, this pin must pulled up through a 100 k
 resistor. SPI_SPD_SEL: This pin is used to choose the
speed of the SPI interface. During nRESET assertion, this pin will be tri-stated with the weak pull-down resistor enabled.
When nRESET is negated, the value on the pin will be internally latched, and the pin will revert to SPI_DO functionality,
the internal pull-down will be disabled.
The firmware can determine the speed of operation on the SPI port by checking the SPI_SPEED in the SPI_CTL register
(0x2400 - RESET = 0x02). Both 1- and 2-bit SPI operation is supported. For optimum throughput, a 2-bit SPI ROM is
recommended. Both mode 0 and mode 3 SPI ROMS are also supported.
FIGURE 6-4:
USB2640/USB2641 SPI ROM CONNECTION
SPI_CE_N
SPI_CLK / SCL
SPI_DI
USB2640/
USB2641
SPI_DO / SDA / SPI_SPD_SEL
SPI ROM
CE#
CLK
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com